Electronic Components Datasheet Search
  English  ▼

X  

PRT702LCVL5A Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PRT702LCVL5A
Description  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT702LCVL5A Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PRT702LCVL5A Datasheet HTML 26Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 27Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 28Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 29Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 30Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 31Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 32Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 33Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
30
NXP Semiconductors
Electrical Characteristics
For additional information, see the i.MX RT1064 Reference Manual (IMXRT1064RM).
4.2.2.2.4
DCDC
DCDC can be configured to operate on power-save mode when the load current is less than 50 mA. During
the power-save mode, the converter operates with reduced switching frequency in PFM mode and with a
minimum quiescent current to maintain high efficiency.
DCDC can detect the peak current in the P-channel switch. When the peak current exceeds the threshold,
DCDC will give an alert signal, and the threshold can be configured. By this way, DCDC can roughly
detect the current loading.
DCDC also includes the following protection functions:
•
Over current protection. In run mode, DCDC shuts down when detecting abnormal large current in
the P-type power switch.
•
Over voltage protection. DCDC shuts down when detecting the output voltage is too high.
•
Low voltage detection. DCDC shuts down when detecting the input voltage is too low.
For additional information, see the i.MX RT1064 Reference Manual (IMXRT1064RM).
4.2.3
PLL’s electrical characteristics
This section provides PLL electrical characteristics.
4.2.3.1
Audio/Video PLL’s electrical parameters
4.2.3.2
System PLL
Table 15. Audio/Video PLL’s electrical parameters
Parameter
Value
Clock output range
650 MHz ~1.3 GHz
Reference clock
24 MHz
Lock time
< 11250 reference cycles
Table 16. System PLL’s electrical parameters
Parameter
Value
Clock output range
528 MHz PLL output
Reference clock
24 MHz
Lock time
< 11250 reference cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com