Electronic Components Datasheet Search
  English  ▼

X  

PRT702LCVL5A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PRT702LCVL5A
Description  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT702LCVL5A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PRT702LCVL5A Datasheet HTML 18Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 19Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 20Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 21Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 22Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 23Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 24Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 25Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
22
NXP Semiconductors
Electrical Characteristics
4.1.3
Operating ranges
Table 10 provides the operating ranges of the i.MX RT1064 processors. For details on the chip's power
structure, see the “Power Management Unit (PMU)” chapter of the i.MX RT1064 Reference Manual
(IMXRT1064RM).
2 Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
Table 10. Operating ranges
Parameter
Description
Symbol
Operating
Conditions
Min
Typ
Max1 Unit
Comment
Run Mode
VDD_SOC_IN
M7 core at 528
MHz
1.15
—
1.26
V
—
M7 core at 132
MHz
1.15
—
1.26
M7 core at 24
MHz
0.925
—
1.26
IDLE Mode
VDD_SOC_IN
M7 core
operation at 528
MHz or below
1.15
—
1.26
V
—
SUSPEND (DSM)
Mode
VDD_SOC_IN
—
0.925
—
1.26
V
Refer to Table 13 Low power mode
current and power consumption
SNVS Mode
VDD_SOC_IN
—
0
—
1.26
V
—
Power for DCDC
DCDC_IN
—
3.0
—
3.6
V
—
VDD_HIGH
internal Regulator
VDD_HIGH_IN2
—
3.0
—
3.6
V
Must match the range of voltages
that the rechargeable backup
battery supports.
Backup battery
supply range
VDD_SNVS_IN3
—
2.40
—
3.6
V
Can be combined with
VDD_HIGH_IN, if the system does
not require keeping real time and
other data on OFF state.
USB supply
voltages
USB_OTG1_VBUS
—
4.40
—
5.5
V
—
USB_OTG2_VBUS
—
4.40
—
5.5
V
—
GPIO supplies
NVCC_GPIO
—
3.0
3.3
3.6
V
All digital I/O supplies
(NVCC_xxxx) must be powered
(unless otherwise specified in this
data sheet) under normal
conditions whether the associated
I/O pins are in use or not.
NVCC_SD0
—
1.65
1.8
1.95
V
3.0
3.3
3.6
V
NVCC_SD1
—
1.65
1.8
1.95
V
3.0
3.3
3.6
V
NVCC_EMC
—
1.65
1.8
1.95
V
3.0
3.3
1.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com