Electronic Components Datasheet Search
  English  ▼

X  

PRT702LCVL5A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PRT702LCVL5A
Description  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT702LCVL5A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PRT702LCVL5A Datasheet HTML 9Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 10Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 11Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 12Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 13Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 14Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 15Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 16Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
Modules List
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
NXP Semiconductors
13
KPP
Keypad Port
Human Machine
Interfaces
The KPP is a 16-bit peripheral that can be used as a
keypad matrix interface or as general purpose
input/output (I/O). It supports 8 x 8 external key pad
matrix. Main features are:
• Multiple-key detection
• Long key-press detection
• Standby key-press detection
• Supports a 2-point and 3-point contact key matrix
LCDIF
LCD interface
Multimedia
Peripherals
The LCDIF is a general purpose display controller used
to drive a wide range of display devices varying in size
and capabilities. The LCDIF is designed to support
dumb (synchronous 24-bit Parallel RGB interface) and
smart (asynchronous parallel MPU interface) LCD
devices.
LPI2C1
LPI2C2
LPI2C3
LPI2C4
Low Power
Inter-integrated Circuit
Connectivity and
Communications
The LPI2C is a low power Inter-Integrated Circuit (I2C)
module that supports an efficient interface to an I2C bus
as a master.
The I2C provides a method of communication between
a number of external devices. More detailed
information, see Section 4.9.2, LPI2C module timing
parameters.
LPSPI1
LPSPI2
LPSPI3
LPSPI4
Low Power Serial
Peripheral Interface
Connectivity and
Communications
The LPSPI is a low power Serial Peripheral Interface
(SPI) module that support an efficient interface to an
SPI bus as a master and/or a slave.
• It can continue operating while the chip is in stop
modes, if an appropriate clock is available
• Designed for low CPU overhead, with DMA off
loading of FIFO register access
LPUART1
LPUART2
LPUART3
LPUART4
LPUART5
LPUART6
LPUART7
LPUART8
UART Interface
Connectivity
Peripherals
Each of the UART modules support the following serial
data transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable
parity (even, odd or none)
• Programmable baud rates up to 5 Mbps.
MQS
Medium Quality Sound
Multimedia
Peripherals
MQS is used to generate 2-channel medium quality
PWM-like audio via two standard digital GPIO pins.
PXP
Pixel Processing Pipeline
Multimedia
Peripherals
A high-performance pixel processor capable of 1
pixel/clock performance for combined operations, such
as color-space conversion, alpha blending, and
rotation. The PXP is enhanced
with features specifically for gray scale applications. In
addition, the PXP supports traditional pixel/frame
processing paths for still-image and video processing
applications.
Table 2. i.MX RT1064 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com