Electronic Components Datasheet Search
  English  ▼

X  

1270310 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1270310
Description  Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1270310 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1270310 Datasheet HTML 1Page - PHOENIX CONTACT 1270310 Datasheet HTML 2Page - PHOENIX CONTACT 1270310 Datasheet HTML 3Page - PHOENIX CONTACT 1270310 Datasheet HTML 4Page - PHOENIX CONTACT 1270310 Datasheet HTML 5Page - PHOENIX CONTACT 1270310 Datasheet HTML 6Page - PHOENIX CONTACT 1270310 Datasheet HTML 7Page - PHOENIX CONTACT 1270310 Datasheet HTML 8Page - PHOENIX CONTACT 1270310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/us/products/1270310
04/20/2021   Page 3 / 10
Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2 - 1270310
Technical data
Electrical properties
125 A DC
Rated voltage for power contacts
480 V AC
1000 V DC
Number of signal contacts
2 (CP, PP)
Rated current for signal contacts
2 A
Rated voltage for signal contacts
30 V AC
Type of signal transmission
Pulse width modulation with modulated Powerline communication
according to ISO/IEC 15118 / DIN SPEC 70121
Note on the connection method
Crimp connection, cannot be disconnected
Insulation resistance of neighboring contacts
> 200 MΩ
Resistor coding
4.7 kΩ (between PE and PP)
Temperature measurement
DC contacts: Pt 1000 (DIN EN 60751)
Temperature monitoring
AC contacts: PTC system (DIN EN 60738-1)
Mechanical properties
Insertion/withdrawal cycles
> 10000
Insertion force
< 100 N
Withdrawal force
< 100 N
Mounting
Restrictions to mounting position
Only 0 to 90 degree frontal inclination possible, see figure
Mounting position of the locking actuator
Right-side
Mounting hole diameter
6.80 mm (ø)
Required mounting screws
M6
Screws included in the scope of delivery
none
Design
Design line
Generation 4
Housing color
black
Customer variations
On request
Material
Material
Plastic
Flammability rating
V0
Material surface of contacts
Ag
Locking
Locking type
Locking in the inserted state with a locking mechanism
AC cable
Cable structure
4 x 6 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com