Electronic Components Datasheet Search
  English  ▼

X  

1270310 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1270310
Description  Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1270310 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1270310 Datasheet HTML 2Page - PHOENIX CONTACT 1270310 Datasheet HTML 3Page - PHOENIX CONTACT 1270310 Datasheet HTML 4Page - PHOENIX CONTACT 1270310 Datasheet HTML 5Page - PHOENIX CONTACT 1270310 Datasheet HTML 6Page - PHOENIX CONTACT 1270310 Datasheet HTML 7Page - PHOENIX CONTACT 1270310 Datasheet HTML 8Page - PHOENIX CONTACT 1270310 Datasheet HTML 9Page - PHOENIX CONTACT 1270310 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
https://www.phoenixcontact.com/us/products/1270310
04/20/2021   Page 6 / 10
Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2 - 1270310
Technical data
Temperature sensor technology, DC contacts
Type of sensor
Pt 1000
Standards/regulations
DIN EN 60751
Recommended measured current
≤ 1 mA (Umax= 16 V DC)
Temperature range
-40 °C ... 130 °C
Resistance range
650 Ω ... 1450 Ω
Drawings
Diagram
t [ms]
R
U
R
L
200
400
600
800 1000 1200 1400 1600
0
0
200
400
600
800 1000 1200 1400 1600
0
-24
24
12
-12
t [ms]
M
Locking states of the locking actuator
Schematic diagram
M
BU/RD
BU/GN
BU/YE
BU/BN
R1
1k
R2
10k
+
-
0,5 mm
²
0,5 mm
²
0,5 mm
²
0,5 mm
²
Block diagram of the locking actuator
Connection diagram
PE
CP
N
L1
L3
DC+
DC-
L2
PP
Pin assignment of Vehicle Inlet
Diagram
800
900
1000
1100
1200
1300
1400
1500
-40
-20
0
20
40
60
80
100
120
= T(R
Pt 1000) = a * RPt 1000 - b
VAR
= +25 °C
R
Pt 1000[Ω]
-60
1
1
Pt 1000 characteristic curve at an ambient temperature of 25°C for
temperature measurement at the DC contacts



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com