Electronic Components Datasheet Search
  English  ▼

X  

1270310 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1270310
Description  Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1270310 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1270310 Datasheet HTML 1Page - PHOENIX CONTACT 1270310 Datasheet HTML 2Page - PHOENIX CONTACT 1270310 Datasheet HTML 3Page - PHOENIX CONTACT 1270310 Datasheet HTML 4Page - PHOENIX CONTACT 1270310 Datasheet HTML 5Page - PHOENIX CONTACT 1270310 Datasheet HTML 6Page - PHOENIX CONTACT 1270310 Datasheet HTML 7Page - PHOENIX CONTACT 1270310 Datasheet HTML 8Page - PHOENIX CONTACT 1270310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
https://www.phoenixcontact.com/us/products/1270310
04/20/2021   Page 5 / 10
Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2 - 1270310
Technical data
Temperature sensor cable
Single wire, color
brown, gray
brown, yellow, green
Minimum bending radius
15 mm
Cable weight
7 kg/km
Cable communication
Cable structure
0.5 mm² + 0.5 mm²
External cable diameter
1.6 mm -0.2 mm
Cable resistance
≤ 37.1 Ω/km
Outer sheath, material
PVC
Single wire, color
black PP/CS
white CP
Minimum bending radius
15 mm
Cable weight
7 kg/km
Locking actuator
Number of positions of theconnectors
4
Operating voltage
12 V (Typical power supply at the motor)
Possible power supply range at the motor
9 V ... 16 V
Maximum voltage for locking detection
12 V
Typical motor current for locking
0.25 A
Reverse current of the motor
max. 1.5 A
Max. dwell time with reverse current
1 s
Recommended adaptation time
600 ms
Pause time after entry or exit path
3 s
Service life insertion cycles
> 10000 load cycles
Ambient temperature (operation)
-40 °C ... 80 °C
Cable length
1 m
Cable structure
4 x 0.5 mm²
Lock recognition
available
Mechanical emergency release
available
Temperature monitoring, AC contacts
Type of sensor
PTC chain
Standards/regulations
DIN˽EN 60738-1
Recommended measured current
≤ 1 mA (Umax= 16 V DC)
Tolerance at the sensor with the recommended measured current
±5K
Temperature range
-40 °C ... 130 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com