Electronic Components Datasheet Search
  English  ▼

X  

1270310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1270310
Description  Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1270310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1270310 Datasheet HTML 1Page - PHOENIX CONTACT 1270310 Datasheet HTML 2Page - PHOENIX CONTACT 1270310 Datasheet HTML 3Page - PHOENIX CONTACT 1270310 Datasheet HTML 4Page - PHOENIX CONTACT 1270310 Datasheet HTML 5Page - PHOENIX CONTACT 1270310 Datasheet HTML 6Page - PHOENIX CONTACT 1270310 Datasheet HTML 7Page - PHOENIX CONTACT 1270310 Datasheet HTML 8Page - PHOENIX CONTACT 1270310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/us/products/1270310
04/20/2021   Page 1 / 10
Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2 - 1270310
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
CHARX connect, Vehicle charging inlet, Locking actuator right, For charging with alternating current (AC)
and with direct current (DC), For installation in electric vehicles (EV), Type 2, Combined Charging System,
IEC 62196-2, IEC 62196-3, 125 A / 1000 V (DC), 32 A / 480 V (AC), length: 2 m, Locking actuator: 12 V, 4-
position, M6, Generation 4, A protective cap is supplied as standard for the DC and AC contacts.
The figure shows a version of the
product
Product Description
Vehicle charging inlet for charging with direct current (DC), compatible with type 2 CCS vehicle charging connectors (EVSE), for installation in electric
vehicles for electromobility (EV).
Your advantages
 Uniform, space-saving dimensions and screw connection points for all Phoenix Contact CCS vehicle charging inlets
 Silver-plated surface of the power and signal contacts
 Certified in accordance with IATF 16949:2016 and ISO 9001:2015
 Material data available in the IMDS (International Material Data System of the automotive industry)
 Tested in accordance with selected tests of automotive standards LV124, LV214, LV215-2
 Manual emergency release of the locking actuator
 Integrated interlock during charging
 Integrated temperature sensors for monitoring the temperature at the power contacts
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4063151440589
Weight per Piece (excluding packing)
4,580.000 g
Custom tariff number
85444290
Country of origin
Germany


Similar Part No. - 1270310

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
127031 ADELS-127031 Datasheet
112Kb / 2P
1500/11 HT
More results

Similar Description - 1270310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1162095 PHOENIX-1162095 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC250-2,0M2
1162144 PHOENIX-1162144 Datasheet
606Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC200-2,0M2
1162148 PHOENIX-1162148 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-1AC32DC250-2,0M2
1162150 PHOENIX-1162150 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-1AC32DC200-2,0M2
1211210 PHOENIX-1211210 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC125-2,0M2
1211212 PHOENIX-1211212 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC200-2,0M2
1211221 PHOENIX-1211221 Datasheet
603Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-DC200-2,0M2
1211222 PHOENIX-1211222 Datasheet
603Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-DC250-2,0M2
1270297 PHOENIX-1270297 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-1AC32DC125-2,0M2
1328277 PHOENIX-1328277 Datasheet
676Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC200-3,0M2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com