Electronic Components Datasheet Search
  English  ▼

X  

1270310 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1270310
Description  Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1270310 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1270310 Datasheet HTML 1Page - PHOENIX CONTACT 1270310 Datasheet HTML 2Page - PHOENIX CONTACT 1270310 Datasheet HTML 3Page - PHOENIX CONTACT 1270310 Datasheet HTML 4Page - PHOENIX CONTACT 1270310 Datasheet HTML 5Page - PHOENIX CONTACT 1270310 Datasheet HTML 6Page - PHOENIX CONTACT 1270310 Datasheet HTML 7Page - PHOENIX CONTACT 1270310 Datasheet HTML 8Page - PHOENIX CONTACT 1270310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
https://www.phoenixcontact.com/us/products/1270310
04/20/2021   Page 4 / 10
Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2 - 1270310
Technical data
AC cable
External cable diameter
14.7 mm ±0.2 mm
Cable resistance
≤ 3.2 Ω/km
Outer sheath, material
Silicone
External sheath, color
orange
Minimum bending radius
3 x D
Cable weight
approx. 450 kg/km
DC cable
Cable structure
2 x 35 mm²
External cable diameter
14.1 mm ±0.3 mm
Cable resistance
≤ 0.527 Ω/km
Outer sheath, material
Silicone
External sheath, color
orange
Minimum bending radius
3 x D
Cable weight
approx. 482 kg/km
PE cable
Cable structure
1 x 25 mm²
External cable diameter
8.6 mm ±0.1 mm
Cable resistance
≤ 0.743 Ω/km
Outer sheath, material
Silicone
External sheath, color
Green-yellow
Minimum bending radius
3 x D
Cable weight
approx. 251 kg/km
Locking actuator cable
Cable structure
4 x 0.5 mm²
External cable diameter
1.6 mm -0.2 mm
Cable resistance
≤ 37.1 Ω/km
Outer sheath, material
PVC
Single wire, color
BU/RD, BU/GN, BU/YE, BU/BN
Minimum bending radius
15 mm
Cable weight
7 kg/km
Temperature sensor cable
Cable structure
5 x 0,5 mm²
External cable diameter
1.6 mm -0.2 mm
Cable resistance
≤ 37.1 Ω/km
Outer sheath, material
PVC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com