Electronic Components Datasheet Search
  English  ▼

X  

OPA615 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA615 Datasheet HTML 10Page - Texas Instruments OPA615 Datasheet HTML 11Page - Texas Instruments OPA615 Datasheet HTML 12Page - Texas Instruments OPA615 Datasheet HTML 13Page - Texas Instruments OPA615 Datasheet HTML 14Page - Texas Instruments OPA615 Datasheet HTML 15Page - Texas Instruments OPA615 Datasheet HTML 16Page - Texas Instruments OPA615 Datasheet HTML 17Page - Texas Instruments OPA615 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
V
−
Single Transistor
V+
V
I
V
O
(a) Common Collector Amplifier
(Emitter Follower)
V
O
100
Ω
OTA
V
I
(b) Common−C Amplifier for OTA
(Buffer)
≈
OS
G
1
V
0.7V
≈
≈
OS
G
1
V
0
≈
B
3
C
12
R
E
R
E
R
O =
1
g
m
G =
≈ 1
1 +
1
g
m x RE
1
E
2
Inverting Gain
V
I
V
O
Single Transistor
(a) Common−Base
Amplifier
OTA
V
I
(b) Common−B Amplifier for OTA
OS
R
L
Noninverting Gain
V
several volts
R
E
V
O
R
L
R
E
≈
B
E
3
2
C
12
G =
−
≈ −
R
L
R
E + g
m
1
R
L
R
E
V
OS ≈ 0
V+
100
Ω
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
Figure 37 shows the Common-C amplifier. It consti-
Figure 38 shows the Common-B amplifier. This con-
tutes an open-loop buffer with low offset voltage. Its
figuration produces an inverting gain, and the input is
gain is approximately 1 and will vary with the load.
low-impedance. When a high impedance input is
needed, it can be created by inserting a buffer
amplifier (such as the BUF602) in series.
Figure 37. a) Common Collector Amplifier Using a
Discrete Transistor; b) Common-C Amplifier
Using the OTA Portion of the OPA615
Figure 38. a) Common Base Amplifier Using a
Discrete Transistor; b) Common-B Amplifier
Using the OTA Portion of the OPA615
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com