Electronic Components Datasheet Search
  English  ▼

X  

OPA615 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA615 Datasheet HTML 13Page - Texas Instruments OPA615 Datasheet HTML 14Page - Texas Instruments OPA615 Datasheet HTML 15Page - Texas Instruments OPA615 Datasheet HTML 16Page - Texas Instruments OPA615 Datasheet HTML 17Page - Texas Instruments OPA615 Datasheet HTML 18Page - Texas Instruments OPA615 Datasheet HTML 19Page - Texas Instruments OPA615 Datasheet HTML 20Page - Texas Instruments OPA615 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ti.com
DC-RESTORE SYSTEM
H
CL
V
IN
C
HOLD
V
OUT
OTA
OPA615
10
11
7
4
2
3
12
100
Ω
100
Ω
SOTA
100
Ω
SOTA
H
CL
V
IN
C
HOLD
V
OUT
OTA
R
1
R
2
R
2
R
1
= V
IN x
OPA615
3
12
2
4
7
10
11
100
Ω
100
Ω
100
Ω
G + )
R
2
R
1
7.5
BLANKING
BACK PORCH
100
89
70
59
41
30
11
0
W
Y
CY
GRN MAG
R
BLU BLK
FRONT PORCH
SYNC TIP
BREEZEWAY
COLOR BURST
LUMINANCE + CHROMINANCE
100
80
60
40
20
10
0
−20
−40
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
Figure
40
and
Figure
41
offer
two
possible
DC-restore systems using the OPA615. Figure 41
implements a DC-restore function as a unity-gain
amplifier. As can be expected from its name, this
DC-restore circuit does not provide any amplification.
In applications where some amplification is needed,
consider using the circuit design shown in Figure 40.
Figure 41. DC Restoration of a Buffer Amplifier
For either of these circuits to operate properly, the
source impedance needs to be low, such as the one
provided by the output of a closed-loop amplifier or
buffer. Consider the video input signal shown in
Figure 42, and the complete DC restoration system
shown in Figure 40. This signal is amplified by the
OTA section of the OPA615 by a gain of:
Figure 40. Complete DC Restoration System
Figure 42. NTSC Horizontal Scan Line
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com