Electronic Components Datasheet Search
  English  ▼

X  

OPA615 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA615 Datasheet HTML 15Page - Texas Instruments OPA615 Datasheet HTML 16Page - Texas Instruments OPA615 Datasheet HTML 17Page - Texas Instruments OPA615 Datasheet HTML 18Page - Texas Instruments OPA615 Datasheet HTML 19Page - Texas Instruments OPA615 Datasheet HTML 20Page - Texas Instruments OPA615 Datasheet HTML 21Page - Texas Instruments OPA615 Datasheet HTML 22Page - Texas Instruments OPA615 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.ti.com
CLAMPED VIDEO/RF AMPLIFIER
OPA656
R
2
300
Ω
R
E
OTA
V
IN
R
B
V
OUT
H
CL
C
HOLD
• Current Control
• Non−Inverting
OPA615
100
Ω
2
3
4
7
11
10
12
100
Ω
V
REF
100
Ω
R
1
300
Ω
SOTA
C
B
SAMPLE-AND-HOLD AMPLIFIER
Hold /Track
50
Ω
100
Ω
150
Ω
100
Ω
OTA
2
12
3
4
300
Ω
50
Ω
C
HOLD
22pF
V
IN
10
11
7
300
Ω
V
OUT
SOTA
OPA615
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
Another circuit example for the preamplifier and the
clamp circuit is shown in Figure 44. The preamplifier
uses the wideband, low noise OPA656, again con-
figured in a gain of +2V/V. Here, the OPA656 has a
typical bandwidth of 200MHz with a settling time of
about 21ns (0.02%) and offers a low bias current
JFET input stage.
The video signal passes through the capacitor CB,
blocking the DC component. To restore the DC level
to the desired baseline, the OPA615 is used. The
inverting input (pin 11) is connected to a reference
voltage. During the high time of the clamp pulse, the
switching comparator (SOTA) will compare the output
of the op amp to the reference level. Any voltage
difference between those pins will result in an output
current that either charges or discharges the hold
capacitor, CHOLD. This charge creates a voltage
across the capacitor, which is buffered by the OTA.
Multiplied by the transconductance, the voltage will
cause a current flow in the collector, C, terminal of
Figure 44. Clamped Video/RF Amplifier
the OTA. This current will level-shift the OPA656 up
to the point where its output voltage is equal to the
reference voltage. This level-shift also closes the
control loop. Because of the buffer, the voltage
With a control propagation delay of 2.5ns and
across the CHOLD stays constant and maintains the
730MHz bandwidth, the OPA615 can be used advan-
baseline correction during the off-time of the clamp
tageously in a high-speed sample-and-hold amplifier.
pulse.
Figure 45 illustrates this configuration.
The external capacitor (CHOLD) allows for a wide
range of flexibility. By choosing small values, the
circuit can be optimized for a short clamping period or
with high values for a low droop rate. Another
advantage of this circuit is that small clamp peaks at
the output of the switching comparator are integrated
and do not cause glitches in the signal path.
Figure 45. Sample-and-Hold Amplifier
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com