Electronic Components Datasheet Search
  English  ▼

X  

OPA615 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615 Datasheet(HTML) 2 Page - Texas Instruments

  OPA615 Datasheet HTML 1Page - Texas Instruments OPA615 Datasheet HTML 2Page - Texas Instruments OPA615 Datasheet HTML 3Page - Texas Instruments OPA615 Datasheet HTML 4Page - Texas Instruments OPA615 Datasheet HTML 5Page - Texas Instruments OPA615 Datasheet HTML 6Page - Texas Instruments OPA615 Datasheet HTML 7Page - Texas Instruments OPA615 Datasheet HTML 8Page - Texas Instruments OPA615 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
ORDERING NUMBER
QUANTITY
OPA615ID
Rails, 50
OPA615
SO-14
D
–40
°C to +85°C
OPA615ID
OPA615IDR
Tape and Reel, 2500
OPA615IDGST
Tape and Reel, 250
OPA615
MSOP-10(2)
DGS
–40
°C to +85°C
BJT
OPA615IDGSR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Available Q1 2006.
Supply Voltage
±6.5V
Differential Input Voltage
±V
S
Common-Mode Input Voltage Range
±V
S
Hold Control Pin Voltage
–VS → +VS
Storage Temperature Range
–40
°C to +125°C
Lead Temperature (10s soldering)
+260
°C
Junction Temperature (TJ)
+150
°C
ESD Ratings:
Human Body Model (HBM)(2)
1000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
150V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Pin 2 for the SO-14 package and pin 1 for the MSOP-10 package > 500V HBM.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com