Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  MPC5554 Microcontroller Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5554 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Block Diagram
MPC5554 Microcontroller Product Brief, Rev. 2.1
Freescale Semiconductor
3
1
Block Diagram
Figure 1 shows a top-level block diagram of the MPC5554.
Figure 1. MPC5554 Block Diagram
Unified 32-Kbyte
Interrupt Controller
eQADC
FMPLL
Crossbar Switch (XBAR)
Peripheral Bridge B (PBRIDGE_B)
Peripheral Bridge A (PBRIDGE_A)
Master
Master
Master
Slave
Slave
Slave
Slave
Cache
Multiply
Unit
Load/Store Unit
Branch
Instruction
Unit
e200z6 Core
Nexus
LEGEND
JTAG
Exception
Handler
eTPU
32
channel
3K Data
RAM
16K Code
RAM
eMIOS
24
channel
Flash
2Mbyte
eDMA
64
channels
AMUX
ADCi
Slave
Nexus
Interface
External
Master
Interface
eTPU
32
channel
1.5V
Regulator
Control
System/Bus
Integration
Boot
Assist
Module
MPC5500 Device Module Acronyms
CAN
– Controller area network (FlexCAN)
DSPI
– Deserial/serial peripheral interface
DMA
– Enhanced direct memory access
eMIOS
– Enhanced modular I/O system
eQADC – Enhanced queued analog/digital converter
eSCI
– Enhanced serial communications interface
eTPU
– Enhanced time processing units
FMPLL – Frequency modulated phase-locked loop
SRAM
– Static RAM
e200z6 Core Component Acronyms
DEC
– Decrementer
FIT
– Fixed interval timer
TB
– Time base
WDT
– Watchdog timer
Prediction Unit
Signal
Processing
Engine
64-bit General
Purpose
Registers
Special
Purpose
Registers
Integer
Execution
Unit
SRAM
64 Kbyte
Memory
Management
Unit
Core Timers
Unit
(FIT, TB, DEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com