Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  MPC5554 Microcontroller Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Features
MPC5554 Microcontroller Product Brief, Rev. 2.1
Freescale Semiconductor
7
— Motor control capability
•
Enhanced time processor unit (eTPU)
— MPC5554 has 2 eTPU engines
— Each eTPU engine is an event-triggered timer subsystem
— High level assembler/compiler
— 32 channels per engine
— 24-bit timer resolution
— 16-Kbyte shared code memory
— 3-Kbyte shared data memory
— Variable number of parameters allocatable per channel
— Double match/capture channels
— Angle clock hardware support
— Shared time or angle counter bus for all eTPU and eMIOS modules
— DMA and interrupt request support
— Nexus Class 3 Debug support (with some Class 4 support)
•
Enhanced queued analog/digital converter (eQADC)
— 2 independent ADCs with 12-bit A/D resolution
— Common mode conversion range of 0–5V
— 40 single-ended inputs channels, expandable to 65 channels with external multiplexers
— 4 pairs of differential analog input channels.
— 10-bit accuracy at 400 ksamples/s, 8-bit accuracy at 800 ksamples/s
— Supports 6 FIFO queues with fixed priority.
— Queue modes with priority-based preemption; initiated by software command, internal (eTPU
and eMIOS), or external triggers
— DMA and interrupt request support
— Supports all functional modes from QADC (MPC5xx family)
•
4 Deserial serial peripheral interface modules (DSPI)
— Serial peripheral interface (SPI)
– Full duplex communication ports with interrupt and eDMA request support
– Supports all functional modes from QSPI submodule of QSMCM (MPC5xx family)
– Support for queues in RAM
– 6 chip selects, expandable to 64 with external demultiplexers
– Programmable frame size, baud rate, clock delay, and clock phase on a per frame basis
– Modified SPI mode for interfacing to peripherals with longer setup time requirements
— Deserial serial interface (DSI)
– Pin reduction by hardware serialization and deserialization of eTPU and eMIOS channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com