Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  MPC5554 Microcontroller Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MPC5554 Microcontroller Product Brief, Rev. 2.1
Features
Freescale Semiconductor
8
– Chaining of DSI submodules
– Triggered transfer control and change in data transfer control (for reduced EMI)
•
2 enhanced serial communication interface (eSCI) modules
— UART mode provides NRZ format and half or full duplex interface
— eSCI bit rate up to 1 Mbps
— Advanced error detection, and optional parity generation and detection
— Word length programmable as 8 or 9 bits
— Separately enabled transmitter and receiver
— LIN Support
— DMA support
— Interrupt request support
•3 FlexCANs
— 64 message buffers each
— Full implementation of the CAN protocol specification, Version 2.0B
— Based on and including all existing features of the Freescale TouCAN module
— Programmable acceptance filters
— Short latency time for high priority transmit messages
— Arbitration scheme according to message ID or message buffer number
— Listen only mode capabilities
— Programmable clock source: system clock or oscillator clock
•
Nexus development interface (NDI)
— Per IEEE
®-ISTO 5001-2003
— Real time development support for e200z6 core and eTPU engines through Nexus Class 3
(some Class 4 support)
— Data trace of eDMA accesses
— Read and write access
— Configured via the IEEE
® 1149.1 (JTAG) port
— High bandwidth mode for fast message transmission
— Reduced bandwidth mode for reduced pin usage
•IEEE
® 1149.1 JTAG controller (JTAGC)
—IEEE
® 1149.1-2001 Test Access Port (TAP) interface
— A JCOMP input that provides the ability to share the TAP. Selectable modes of operation
include JTAGC/debug or normal system operation.
— A 5-bit instruction register that supports IEEE
® 1149.1-2001 defined instructions
— A 5-bit instruction register that supports additional public instructions
— 3 test data registers: bypass, boundary scan, and device identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com