Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  MPC5554 Microcontroller Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC5554 Microcontroller Product Brief, Rev. 2.1
Features
Freescale Semiconductor
6
— Bus monitor
— Chip selects: 4 chip select (CS[0:3]) signals
— Configurable wait states
•
System integration unit (SIU)
— Centralized GPIO control of 214 I/O and bus pins
— Centralized pad control on a per-pin basis
— System reset monitoring and generation
— External interrupt inputs, filtering, and control
•
Error correction status module (ECSM)
— Configurable error-correcting codes (ECC) reporting for internal SRAM and Flash memories
•
On-chip Flash
— 2 Mbytes burst Flash memory
— 256K
× 64 bit configuration
— Censorship protection scheme to prevent Flash content visibility
— Hardware read-while-write feature that allows blocks to be erased/programmed while other
blocks are being read (used for EEPROM emulation and data calibration)
— 20 blocks, ranging from 16 Kbytes to 128 Kbytes, to support features such as boot block,
operating system block, and EEPROM emulation
— Read while write with multiple partitions
— Parallel programming mode to support rapid end of line programming
— Hardware programming state machine
•
Configurable cache memory, 32-Kbyte
— 8-way set-associative, unified (instruction and data) cache
•
On-chip, internal static RAM (SRAM)
— 64-Kbyte general-purpose RAM; 32 Kbytes on standby power
— ECC performs single bit correction, double bit error detection
•
Boot assist module (BAM)
— Enables and manages the transition of MCU from reset to user code execution in the
following configurations:
– User application can boot from internal or external Flash memory
– Download and execution of code via FlexCAN or eSCI
•
Enhanced modular I/O system (eMIOS)
— 24 orthogonal channels with double action, PWM, and modulus counter functionality
— Supports all DASM and PWM modes of MIOS14 (MPC5xx)
— 4 selectable time bases plus shared time or angle counter bus
— DMA and interrupt request support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com