Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  MPC5554 Microcontroller Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5554 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPC5554 Microcontroller Product Brief, Rev. 2.1
Features
Freescale Semiconductor
4
2
Features
This section provides a high-level description of the major features of the MPC5554.
•
High performance e200z6 core processor
— 32-bit PowerPC Book E compliant CPU
— 32 64-bit general-purpose registers (GPRs)
— Memory management unit (MMU) with 32-entry, fully-associative translation look-aside
buffer (TLB)
— Branch processing unit
— Fully pipelined load/store unit
— 32-Kbyte unified cache with line locking
– 8-way set associative
– 2 32-bit fetches per clock
– 8-entry store buffer
– Way locking
– Supports assigning cache as instruction or data only on a per way basis
– Supports tag and data parity
— Vectored interrupt support
— Interrupt latency < 70 ns @132MHz (measured from interrupt request to execution of first
instruction of interrupt exception handler)
— Reservation instructions for implementing read-modify-write constructs (internal SRAM and
Flash)
— Signal processing engine (SPE) auxiliary processing unit (APU) operating on 64-bit GPRs
— Floating point
–IEEE
® 754 compatible with software wrapper
– Single precision in hardware and double precision with software library
– Conversion instructions between single precision floating point and fixed point
— Long cycle time instructions, except for guarded loads, do not increase interrupt latency in the
MPC5554. To reduce latency, long cycle time instructions are aborted upon interrupt requests.
— Extensive system development support through Nexus debug module
•
Crossbar switch (XBAR)
— 3 master ports; 5 slave ports
— 32-bit address bus; 64-bit data bus
— Simultaneous accesses from different masters to different slaves (there is no clock penalty
when a parked master accesses a slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com