Electronic Components Datasheet Search
  English  ▼

X  

RTD2010 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RTD2010
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2010 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RTD2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RTD2010
2002/11/12
Rev1.20
10
5.9 MCU Interface
Name
I/O
Pin No
Description
PSEN#
O
103
Program Load Enable
ROM_DATA
[7:0]
IO
104,105,107
108,110,111
112,113
ROM Data Input
ROM_ADDR
[15:9]
O
I
134,132,131
130,128,126
124
ROM Address Output
DDC_CA latch
ROM_ADDR
[8:0]
O
123,121,120
119,118,117
116,115,114
ROM Address Output
ROM_ADDR_BA
NK
O
136
XDATA/PROG# Bank Select
GPIO_P0.4
I/O
137
GPIO_P0.4 / WR#
EXT#
I
155
External MCU, Internal MCU Disable
GPIO_P1.0
I/O
75
GPIO_P1.0 / TCON_0
GPIO_P1.1
I/O
76
GPIO_P1.1 / TCON_1
GPIO_P1.2
I/O
77
GPIO_P1.3 / TCON_2
GPIO_P1.3
I/O
79
GPIO_P1.3 / TCON_3
GPIO_P1.4
I/O
199
GPIO_P1.4 / TCON_7
GPIO_P1.5
I/O
200
GPIO_P1.5 / TCON_8
GPIO_P1.6
I/O
202
GPIO_P1.6 / TCON_9
GPIO_P1.7
I/O
203
GPIO_P1.7 / TCON_10
GPIO_P2.0
I/O
204
GPIO_P2.0 / TCON_11
GPIO_P2.1
I/O
205
GPIO_P2.1 / TCON_12
GPIO_P2.2
I/O
206
GPIO_P2.2 / TCON_13
GPIO_P2.3
I/O
207
GPIO_P2.3 / TCON_14
GPIO_P2.4
I/O
208
GPIO_P2.4 / TCON_15
GPIO_P2.5
I/O
1
GPIO_P2.5 / TCON_16
GPIO_P2.6
I/O
164
GPIO_P2.6 / PWM1
GPIO_P2.7
I/O
165
GPIO_P2.7 / PWM2
(EXT# =0):
PWDN#
(EXT# =1):
GPIO_P3.0
I
I/O
Share
PowerDown# for Controller
GPIO_P3.0
(EXT# =0): IRQ#
(EXT# =1):
GPIO_P3.1
O
I/O
Share
Controller’s IRQ# output;
GPIO_P3.1 / INT1#
GPIO_P3.2
I/O
162
GPIO_P3.2 / INT0#
GPIO_P3.3
I/O
163
GPIO_P3.3
(EXT# =0): SCSB
(EXT# =1):
GPIO_P3.4
I
I/O
Share
Serial control I/F chip select
GPIO_P3.4 / T0#
(EXT# =0): SCLK
(EXT# =1):
GPIO_P3.5
I
I/O
Share
Serial control I/F clock
GPIO_P3.5 / T1#
(EXT# =0): SDI
(EXT# =1):
GPIO_P3.6
I
I/O
Share
Serial control I/F data in
GPIO_P3.6
(EXT# =0): SDO
(EXT# =1):
GPIO_P3.7
O
I/O
Share
Serial control I/F data out
GPIO_P3.7
Total: 46 pins (6 share)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com