Electronic Components Datasheet Search
  English  ▼

X  

RTD2010 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RTD2010
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2010 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RTD2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RTD2010
2002/11/12
Rev1.20
9
5.6 Miscellaneous Interface
Name
Type
Pin No
Description
REFCLK
IO
36
In/out Test Pin for DCLK; / TCON_OCLK
PWM_0
O
166
PWM_0 Output
Total: 2 Pins
5.7 DDC Channel
Name
Type
Pin No
Description
DDCSDA
I
O
156
DDC Serial Control I/F Data Input
DDC Serial Control I/F Data Output
DDCSCL
I
161
DDC Serial Control I/F Clock
Total: 2 Pins
5.8 Power & Ground
Name
Type
Pin No
Description
3.3V Power
P
4, 18
32, 46
60, 72
106,122
157
VCC3IO: 9
3.3V Ground
G
6, 20
34, 48
56, 74
109,125
159
GNDO: 9
2.5V Power
P
16, 29
41, 64
78,127
133,180
198
VCCK: 9
2.5V Ground
G
12, 27
44, 62
80,129
135,183
201
GNDIK: 9
Total: 36 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com