Electronic Components Datasheet Search
  English  ▼

X  

RTD2010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RTD2010
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RTD2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RTD2010
2002/11/12
Rev1.20
3
2. General Description
The Realtek RTD2010 is a highly-integrated single chip IC controller solution for producing real time, top quality digital video
and computer graphic images on LCD monitor/flat panel displays, such as XGA LCD monitors. LCD monitors and flat panel
displays provide a sharp, flicker free display while saving space and energy for desktop PC applications. The RTD2010 provides
an ideal interface between industry standard digital graphics controllers and a wide variety of LCD panel devices. Flat panel
devices using the RTD2010 can support all incoming VESA modes and interface to any TFT LCD device, up to XGA (1024x768)
resolution.
For increased flexibility, the RTD2010 supports both analog and digital interface inputs. The embedded 8-bit triple-channel
110MHz high-quality Analog to Digital Converter (ADC) and PLL support up to a 1024x768 75Hz RGB analog input signal. The
digital interface can support Transmission Minimized Differential Signaling (TMDS) receiver or Video-Decoder or DVO digital
output signals up to 160MHz.
The RTD2010 features an embedded On-Screen Display (OSD) engine. This OSD enables either character based or bit map based
menu display. Through this menu, display parameters, such as brightness and contrast, can be controlled, and information on
resolution and frequency, can be displayed. The embedded display pattern generator is a function for panel testing.
Processing 24-bit RGB or 16-bit YUV input data streams, and conversion of input VGA signals to high resolution output, the RTD2010
implements a sophisticated scaling algorithm. This feature allows the RTD2010 to perform horizontal and vertical interpolation or
replication and up & down image scaling, based on programmable parameters, to create images of the highest quality.
The built-in advanced filtering engine enables independent vertical and horizontal zoom/shrink, and, through enhancement of
individual pixels, enhances image sharpness, and provides superb visual quality. This allows appropriate sized display of crisp,
sharp text and smooth, clear graphics, taking full advantage of LCD flat panel technology.
Also featured are enhanced color processing functions, including gamma correction and dithering logic. Brightness, contrast and
gamma correction can be programmed through the internal gamma correction lookup tables. Full control of output panel data is
obtained by color mapping input RGB data. The 8-bit/color pixel path offers up to 16.7 million color support for 24-bit TFT LCD
panels. 18-bit LCD panels are also supported through spatial and temporal dither algorithms.
Increased integration in the RTD2010 includes components such as an 8032 compatible micro controller, and DDC RAM to
provide monitor information the PC through the DDC1/DDC2B protocol. Internal System Programming (ISP) is accomplished
through the DDC serial bus, supporting enhanced DDC-communication from PC to monitor, such as DDC/CI is also supported.
Finally, the Timing-Controller (TCON) generates the control signals for LCD-panel rather than LCD-monitor, and the embedded
spread-spectrum technology reduces EMI effects.
All these features make the RTD2010 is the optimum solution for superior-quality image display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com