Electronic Components Datasheet Search
  English  ▼

X  

RTD2010 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RTD2010
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2010 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RTD2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RTD2010
2002/11/12
Rev1.20
6
5. Pin Descriptions
In order to reduce pin count, and therefore size and cost, some pins have multiple functions. In those cases, the functions are
separated with a “/” symbol. Refer to the Pin Assignment diagram for a graphical representation.
A = Analog
P = Power
I = Input
G = Ground
O = Output
5.1 ADC
Name
Type
Pin No
Description
ADC_REFIO
AI
140
ADC Reference Pad
ADC_TEST
AIO
143
ADC Test Pin / SOG input
B
AI
146
Analog Input from BLUE Channel
G
AI
149
Analog Input from GREEN Channel
R
AI
152
Analog Input from RED Channel
ADC_VDD
AP
141,142
147,148
153,154
ADC Analog Power
ADC_GND
AG
138,139
144,145
150,151
ADC Analog Ground
Total: 17 Pins
5.2 PLL
Name
Type
Pin No
Description
XI
AI
92
Reference Clock Input
XO
AO
93
Reference Clock Output
PLL_TEST1
AIO
96
Test Pin 1
PLL_TEST2
AIO
97
Test Pin 2
PLL_VDD
AP
88,94
95,100
101
PLL Analog Power
PLL_GND
AG
89,90
91,98
99,102
PLL Analog Ground
Total: 15 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com