Electronic Components Datasheet Search
  English  ▼

X  

RTD2010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTD2010
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTD2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RTD2010
2002/11/12
Rev1.20
2
1. Features
General
!
Integrated Spread-Spectrum DCLK PLL
!
Integrated 8-bit triple-channel 110MHz ADC/PLL
!
Integrated programmable timing controller
!
Integrated microcontroller compatible with the
standard 8032
!
24 General-purpose input/outputs (GPIOs)
!
Embedded fully functional multi-language OSD
support
!
Embedded DDC supports DDC1, DDC2B, and
DDC/CI
!
Supports ISP functionality on DDC channel
!
3 Embedded programmable PWM
!
Zoom scaling up and down
!
Embedded Pattern Generator
!
No external memory required
!
Requires only one crystal to generate all timing
Analog RGB Input Interface
!
Supports up to 110MHz (XGA @ 75Hz)
!
Supports Sync On Green (SOG) and de-composite
sync modes
!
On-chip high-performance PLLs
Digital Input Interface
!
Supports 24-bit pixel digital input up to 160MHz
!
Supports 12-bit DVO input
!
Supports 16/24-bit YUV422/444 video format
input
!
Supports 8-bit video format input
!
Built-in YUV to RGB color space converter &
de-interlace
!
Capture window auto position & auto phase
tracking capability
Auto Detection /Auto Calibration
!
Input format detection
!
Compatibility with standard VESA mode and
support for user-defined mode
!
Smart engine for Phase and Image position
calibration
Scaling
!
Fully programmable zoom ratios
!
Independent horizontal/vertical scaling
!
Advanced zoom algorithm provides high image
quality
!
Sharpness/Smooth filter enhancement
Color Processor
!
Digital brightness and contrast adjustments
!
Gamma correction
!
Dithering logic for 18-bit panel color depth
enhancement
Output Interface
!
Fully programmable, built-in display timing
generator
!
1 and 2-pixel/clock panel support, up to 110MHz
!
Pin swap, odd/even swap and red/blue group swap
!
Programmable TCON function support
!
Reduced EMI and Power saving features
Host Interface
!
Supports 3/4 pins MCU serial bus interface
!
Support parallel bus interface while using internal
MCU
Embedded OSD
!
12*18 dot font per character
!
Embedded 256 characters and symbols including
16 multi-color symbols
!
User font RAM, which allows programming of 128
special symbols
!
7 background colors and 8 character colors
!
Programmable width and height control
!
4 background windows
!
Selectable shadow color for windows and
characters
!
Intensity, blinking effects
!
Fade-in/out effect
!
Frame shadowing and independent row shadowing
!
Frame bordering and independent row bordering
!
4 channel 8-bits PWM output, and selectable PWM
clock frequency
!
Row-to-Row spacing to maintain constant display
height
!
Window alpha-blending effect
Power & Technology
!
2.5V/3.3V power supply
!
0.25µm CMOS process; 208-pin PQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com