Electronic Components Datasheet Search
  English  ▼

X  

DRV102 Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV102
Description  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102 Datasheet(HTML) 4 Page - Texas Instruments

  DRV102 Datasheet HTML 1Page - Texas Instruments DRV102 Datasheet HTML 2Page - Texas Instruments DRV102 Datasheet HTML 3Page - Texas Instruments DRV102 Datasheet HTML 4Page - Texas Instruments DRV102 Datasheet HTML 5Page - Texas Instruments DRV102 Datasheet HTML 6Page - Texas Instruments DRV102 Datasheet HTML 7Page - Texas Instruments DRV102 Datasheet HTML 8Page - Texas Instruments DRV102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DRV102
4
SBVS009A
www.ti.com
PIN #
NAME
DESCRIPTION
Pin 1
Input
The input is compatible with standard TTL levels. The device output becomes enabled when the input voltage is driven above
the typical switching threshold, 1.7V. Below this level, the output is disabled. With no connection to the pin, the input level rises
to 3.4V. Input current is 20
µA when driven high and 80µA with the input low. The input may be driven to the power supply (V
S)
without damage.
Pin 2
Delay Adjust
This pin sets the duration of the initial 100% duty cycle before the output goes into PWM mode. Leaving this pin floating results
in a delay of approximately 15
µs, which is internally limited by parasitic capacitance. Minimum delay may be reduced to less
than 3
µs by tying the pin to 5V. This pin connects internally to a 3µA current source from V
S and to a 3V threshold comparator.
When the pin voltage is below 3V, the output device is 100% on. The PWM oscillator is not synchronized to the Input (pin 1),
so the first pulse may be extended by any portion of the programmed duty cycle.
Pin 3
Duty Cycle Adjust
Internally, this pin connects to the input of a comparator and a 19k
Ω resistor to ground. It is driven by a 200µA current source
(PWM)
from VS. The voltage at this node linearly sets the duty cycle. Duty cycle can be programmed with a resistor, analog voltage,
or output of a D/A converter. The active voltage range is from 0.55V to 3.7V to facilitate the use of single-supply control
electronics. At 0.56V (or RPWM = 4.4kΩ), duty cycle is near 90%. Swing to ground should be limited to no lower than 0.1V. PWM
frequency is a constant 24kHz.
Pin 4
Ground
This pin is electrically connected to the package tab. It must be connected to system ground for the DRV102 to function. It
carries the 6.5mA quiescent current.
Pin 5
VS
This is the power supply pin. Operating range is +8V to +60V.
Pin 6
Out
The output is the emitter of a power npn with the collector connected to VS. Low power dissipation in the DRV102 is obtained
by low saturation voltage and fast switching transitions. Rise time is less than 250ns, fall time depends on load impedance.
A flyback diode is (D1) needed with inductive loads to conduct the load current during the off cycle. The external diode should
be selected for low forward voltage. The internal clamp diode provides protection but should not be used to conduct load
currents. An additional diode (D2), located in series with Out pin, is required for inductive loads.
Pin 7
Flag
Normally high (active low), the Flag signals either an over-temperature, over-current, or under-current fault. The over/under-
current flags are true only when the output is on (constant dc output or the “on” portion of PWM mode). A thermal fault (thermal
shutdown) occurs when the die surface reaches approximately 165
°C and latches until the die cools to 150°C. Its output
requires a pull-up resistor. It can typically sink two milliamps, sufficient to drive a low-current LED.
PIN DESCRIPTIONS
LOGIC BLOCK DIAGRAM
C
D
R
PWM
Input
On
Off
Over/Under Current
DRV102
Flag
Thermal
Shutdown
PWM
23
(2)
1
7
Delay
Load
NOTES: (1) Schottky Power Rectifier for low
power dissipation. (2) Schottky or appropriately
rated silicon diode.
(+8V to +60V)
Gnd
4
Out
6
D
2
D
1
(1)
V
S
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com