Electronic Components Datasheet Search
  English  ▼

X  

DRV102 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV102
Description  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV102 Datasheet HTML 5Page - Texas Instruments DRV102 Datasheet HTML 6Page - Texas Instruments DRV102 Datasheet HTML 7Page - Texas Instruments DRV102 Datasheet HTML 8Page - Texas Instruments DRV102 Datasheet HTML 9Page - Texas Instruments DRV102 Datasheet HTML 10Page - Texas Instruments DRV102 Datasheet HTML 11Page - Texas Instruments DRV102 Datasheet HTML 12Page - Texas Instruments DRV102 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DRV102
9
SBVS009A
www.ti.com
CONSTANT OUTPUT DURATION
(Delay Time to PWM Mode)
CD
3
µs
Pin Connected to 5V
15
µs
Pin Open
97
µs
100pF
0.97ms
1nF
97ms
0.1
µF
APPLICATIONS INFORMATION
POWER SUPPLY
The DRV102 operates from a single +8V to +60V supply
with excellent performance. Most behavior remains un-
changed throughout the full operating voltage range. Param-
eters which vary significantly with operating voltage are
shown in the Typical Performance Curves.
CONNECTIONS TO LOAD
The PWM switching voltage and currents can cause electro-
magnetic radiation. Proper physical layout of the load cur-
rent will help minimize radiation. Load current flows from
the DRV102 output terminal to the load and returns through
the ground return path. This current path forms a loop. To
minimize radiation, make the area of the enclosed loop as
small as possible. Twisted pair leading to the load is excel-
lent. If the ground return current must flow through a chassis
ground, route the output current line directly over the chassis
surface in the most direct path to the load.
FLYBACK DIODE LOCATION
Physical location of the flyback diode may affect electro-
magnetic radiation. With most solenoid loads, inductance is
large enough that load current is virtually constant during
PWM operation. When the switching transistor is off, load
current flows though the flyback diode. If the flyback diode
is located near the DRV102 (Figure 2a), the current flowing
in long lines to the load is virtually constant. If the flyback
diode is, instead, located directly across the load (Figure 2b),
pulses of current must flow from the DRV102 to the distant
load. While theory seems to favor placing the diode at the
DRV102 output (constant current in the long lines), indi-
TABLE I. Delay Adjust Pin Connections.
vidual situations may defy logic; if one location seems to
create noise problems, try the other.
SERIES DIODE FOR INDUCTIVE LOADS
An additional bias diode, located in series with the output, is
required when driving inductive loads. Any silicon diode,
such as the 1N4002, appropriately rated for current will
work. The diode biases the emitter of the internal power
device such that it can be fully shut off during the “off”
portion of the PWM cycle. Note that the voltage at the load
drops below ground due to the flyback diode. If it is not used,
apparent leakage current can rise to hundreds of milliamps,
resulting in unpredictable operation and thermal shutdown.
ADJUSTABLE INITIAL 100% DUTY CYCLE
A unique feature of the DRV102 is its ability to provide an
initial constant dc output (100% duty cycle) and then switch
to PWM mode to save power. This function is particularly
useful when driving solenoids which have a much higher
pull-in current requirement than hold current requirement.
The duration of this constant dc output (before PWM output
begins) can be externally and independently controlled with
a capacitor connected from Delay Adjust (pin 2) to ground
according to the following equation:
Delay Time
≈ C
D • 10
6
(time in seconds, CD in Farads)
Leaving the Delay Adjust pin open results in a constant
output time of approximately 15
µs. The duration of this
initial output can be reduced to less than 3
µs by connecting
the pin to 5V. Table I provides examples of desired “delay”
times (constant output before PWM mode) and the appropri-
ate capacitor values or pin connection.
FIGURE 2. Location of External Flyback Diode.
The internal Delay Adjust circuitry is composed of a 3
µA
current source and a 3V comparator as shown in Figure 3.
Thus, when the pin voltage is less than 3V, the output device
is 100% on (dc output mode).
FIGURE 3. Simplified Circuit Model of the Delay Adjust Pin.
DRV102
Load
V
S
6
Out
5
4
2a) Flyback Diode Near DRV102
DRV102
Load
V
S
6
Out
5
4
2b) Flyback Diode Near Load
3
µA
2
C
D
V
S
3V Reference
Comparator
Delay Adjust
DRV102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com