Electronic Components Datasheet Search
  English  ▼

X  

DRV102 Datasheet(PDF) 19 Page - Texas Instruments

Part # DRV102
Description  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV102 Datasheet HTML 15Page - Texas Instruments DRV102 Datasheet HTML 16Page - Texas Instruments DRV102 Datasheet HTML 17Page - Texas Instruments DRV102 Datasheet HTML 18Page - Texas Instruments DRV102 Datasheet HTML 19Page - Texas Instruments DRV102 Datasheet HTML 20Page - Texas Instruments DRV102 Datasheet HTML 21Page - Texas Instruments DRV102 Datasheet HTML 22Page - Texas Instruments DRV102 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DRV102
19
SBVS009A
www.ti.com
FIGURE 22. Three-Phase Stepper Motor Driver Provides High-Stepping Torque.
FIGURE 23. Soft-Start Circuit for Incandescent Lamps and Other Sensitive Loads.
FIGURE 21. Constant Current Output Drive.
DRV102
1
34
R
2
V
S = +8V to +60V
R
1
R
3
4.87k
Ω
R
4
4.87k
Ω
C
1
20
µF
+
4.3V
DIN5229
Duty Cycle Adjust
after soft start
Select R
1 and R2 to divide
down V
S to 5.5V max.
For example: with V
S = 60V
R
1 = 11kΩ, R2 = 1kΩ
V
IN =
• 60V = 5V
Sets start-up
duty cycle
1k
Ω
1k
Ω + 11kΩ
5
V
S
6
Out
2
Delay Adjust
DRV102
Phase 3
Stepper
Logic In
6
5
V
S
DRV102
Phase 2
Stepper
Logic In
6
5
V
S
DRV102
Phase 1
Stepper
Logic In
6
5
Motor
Only one DRV102 is
turned on at sequence time.
V
S
+24V
On
Off
Duty Cycle
Adjust
Delay
Adjust
V
Z
Load
R
SHUNT
0.1
Ω
DRV102
3
2
1
5
Current Set
0.6V gives ~ 90% Duty Cycle
3.7V gives ~ 10% Duty Cycle
Out
6
4
V
S
V
Z
2k
Ω
100k
Ω
25k
Ω
5.1V
Zener
1k
Ω
100k
Ω
5k
Ω
OPA237
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com