Electronic Components Datasheet Search
  English  ▼

X  

DRV102 Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV102
Description  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV102 Datasheet HTML 8Page - Texas Instruments DRV102 Datasheet HTML 9Page - Texas Instruments DRV102 Datasheet HTML 10Page - Texas Instruments DRV102 Datasheet HTML 11Page - Texas Instruments DRV102 Datasheet HTML 12Page - Texas Instruments DRV102 Datasheet HTML 13Page - Texas Instruments DRV102 Datasheet HTML 14Page - Texas Instruments DRV102 Datasheet HTML 15Page - Texas Instruments DRV102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
DRV102
12
SBVS009A
www.ti.com
FIGURE 11. TO-220 Thermal Resistance versus Aluminum Plate Area.
For best thermal performance, the tab of the DDPAK sur-
face-mount version should be soldered directly to a circuit
board copper area. Increasing the copper area improves heat
dissipation. Figure 12 shows typical thermal resistance from
junction-to-ambient as a function of the copper area.
POWER DISSIPATION
Power dissipation depends on power supply, signal, and load
conditions. Power dissipation is equal to the product of
FIGURE 10. TO-220 and DDPAK Solder Footprints.
PACKAGE MOUNTING
Figure 10 provides recommended PCB layouts for both the
TO-220 and DDPAK power packages. The tab of both
packages is electrically connected to ground (pin 4). It may
be desirable to isolate the tab of TO-220 package from its
mounting surface with a mica (or other film) insulator (see
Figure 11). For lowest overall thermal resistance, it is best to
isolate the entire heat sink/DRV102 structure from the
mounting surface rather than to use an insulator between the
semiconductor and heat sink.
7-Lead DDPAK(1)
(Package Drawing #328)
7-Lead TO-220
(Package Drawing #327)
NOTE: (1) For improved thermal performance increase footprint area.
See Figure 12, “Thermal Resistance versus Circuit Board Copper Area”.
0.05
0.51
0.105
0.05
0.035
0.04
Mean dimensions in inches. Refer to end of data sheet
or Appendix C of Burr-Brown Data Book for tolerances
and detailed package drawings. For further information
on solder pads for surface-mount devices consult
Application Bulletin AB-132.
0
1
234567
8
18
16
14
12
10
8
Aluminum Plate Area (inches2)
THERMAL RESISTANCE
vs ALUMINUM PLATE AREA
Aluminum Plate Area
Flat, Rectangular
Aluminum Plate
DRV102
TO-220 Package
0.030
0.062
0.050
Vertically Mounted
in Free Air
Optional mica or film insulator
for electrical isolation. Adds
approximately 1
°C/W.
Aluminum Plate
Thickness (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com