Electronic Components Datasheet Search
  English  ▼

X  

XC9268 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9268 Datasheet HTML 2Page - Torex Semiconductor XC9268 Datasheet HTML 3Page - Torex Semiconductor XC9268 Datasheet HTML 4Page - Torex Semiconductor XC9268 Datasheet HTML 5Page - Torex Semiconductor XC9268 Datasheet HTML 6Page - Torex Semiconductor XC9268 Datasheet HTML 7Page - Torex Semiconductor XC9268 Datasheet HTML 8Page - Torex Semiconductor XC9268 Datasheet HTML 9Page - Torex Semiconductor XC9268 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/30
XC9268 Series
■ELECTRICAL CHARACTERISTICS
XC9268 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
FB Voltage
VFBE
VFB=0.739V→0.761V,
VFB Voltage when Lx pin voltage changes
from "H" level to "L" level
0.739
0.750
0.761
V
②
Setting Output
Voltage Range (*1)
VOUTSET
-
1
-
25
V
-
Operating Input
Voltage Range (*1)
VIN
-
3
-
36
V
-
UVLO Detect Voltage
VUVLOD
VEN/SS=12V,VIN:2.8V→2.6V,VFB=0V
VIN Voltage which Lx pin voltage holding
"H" level
2.6
2.7
2.8
V
②
UVLO Release Voltage
VUVLOR
VEN/SS=12V,VIN:2.7V→2.9V,VFB=0V
VIN Voltage which Lx pin voltage holding
"L" level
2.7
2.8
2.9
V
②
Quiescent Current
Iq
VFB=0.825V
XC9268B75C
-
12.5
21.0
μA
④
XC9268B75D
-
13.5
22.0
Stand-by Current
ISTBY
VIN=12V, VEN/SS=VFB=0V
-
1.65
2.50
μA
④
Oscillation Frequency
fOSC
Connected to external
components,
IOUT=200mA
XC9268B75C
1.098
1.200
1.302
MHz
①
XC9268B75D
2.013
2.200
2.387
Minimum On Time
tONMIN
Connected to external components
-
85 (*2)
-
ns
①
Minimum Duty Cycle
DMIN
VFB=0.825V
-
-
0
%
②
Maximum Duty Cycle
DMAX
VFB=0.675V
100
-
-
%
②
Lx SW "H" On
Resistance
RLxH
VFB=0.675V, ILx=200mA
-
1.20
1.38
Ω
⑤
Lx SW "L" On
Resistance
RLxL
-
0.60
(*2)
-
Ω
⑤
High side Current Limit
(*3)
ILIMH
VFB=VFBE×0.98
1.00
1.30
-
A
⑤
Internal Soft-Start Time
tSS1
VFB=0.675V
1.6
2.0
2.4
ms
②
External Soft-Start
Time
tSS2
VFB=0.675V
RSS
=430KΩ, CSS=0.47μF
21
26
33
ms
③
PFM Switch Current
IPFM
Connected to external components,
VIN=VEN/SS=12V、IOUT=1mA
-
400
-
mA
①
Efficiency (*5)
EFFI
Connected to external
components,
VIN=12V, VOUT=5V,
IOUT=1mA
XC9268B75C
-
83
-
%
①
XC9268B75D
-
80
-
%
①
FB Voltage
Temperature
Characteristics
ΔVFB/
(ΔTopr・
VFBE)
-40℃≦Topr≦105℃
-
±100
-
ppm/℃
②
Test Condition: Unless otherwise stated, VIN=12V, VEN/SS=12V
Peripheral parts connection conditions:L=6.8
μH、RFB1=680kΩ、RFB2=120kΩ、CL=10μF×2、CIN=2.2μF
(*1) Please use within the range of VOUT/VIN≧tONMIN[ns]×fOSC[MHz]×10-3
(*2)Design reference value. This parameter is provided only for reference.
(*3)Current limit denotes the level of detection at peak of coil current.
(*4)For the USP-6C Package only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com