Electronic Components Datasheet Search
  English  ▼

X  

XC9268 Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC9268 Datasheet HTML 14Page - Torex Semiconductor XC9268 Datasheet HTML 15Page - Torex Semiconductor XC9268 Datasheet HTML 16Page - Torex Semiconductor XC9268 Datasheet HTML 17Page - Torex Semiconductor XC9268 Datasheet HTML 18Page - Torex Semiconductor XC9268 Datasheet HTML 19Page - Torex Semiconductor XC9268 Datasheet HTML 20Page - Torex Semiconductor XC9268 Datasheet HTML 21Page - Torex Semiconductor XC9268 Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18/30
XC9268 Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(1) Efficiency vs. Output Current
(2) Output Voltage vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Cxx
(VIN=12V, VOUT=3.3V, fOSC=1.2MHz)
L=4.7μH(CLF5030NIT-4R7),
CIN=4.7μF×2(C2012X6S1H475K)
CL=10μF
×2 (C3216X7R1E106K)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Cxx
(VIN=12V, VOUT=5V, fOSC=1.2MHz)
L=6.8μH(CLF5030NIT-6R8), CIN=4.7μF×2(C2012X6S1H475K)
CL=10μF×2 (C3216X7R1E106K)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Dxx
(VIN=12V, VOUT=3.3V, fOSC=2.2MHz)
L=2.2
μH(CLF5030NIT-2R2), CIN=2.2μF
×2(C2012X7R1H225K)
CL=10
μF×2 (C3216X7R1E106K)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Dxx
(VIN=12V, VOUT=5V, fOSC=2.2MHz)
L=3.3μH(CLF5030NIT-3R3), CIN=2.2μF×2(C2012X7R1H225K)
CL=10μF×2 (C3216X7R1E106K)
2.30
2.50
2.70
2.90
3.10
3.30
3.50
3.70
3.90
4.10
4.30
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Cxx
(VIN=12V, VOUT=3.3V, fOSC=1.2MHz)
L=4.7μH(CLF5030NIT-4R7), CIN=4.7μF×2(C2012X6S1H475K)
CL=10μF×2 (C3216X7R1E106K)
4.00
4.20
4.40
4.60
4.80
5.00
5.20
5.40
5.60
5.80
6.00
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Cxx
(VIN=12V, VOUT=5V, fOSC=1.2MHz)
L=6.8μH(CLF5030NIT-6R8), CIN=4.7μF×2(C2012X6S1H475K)
CL=10μF×2 (C3216X7R1E106K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com