Electronic Components Datasheet Search
  English  ▼

X  

XC9268 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC9268 Datasheet HTML 12Page - Torex Semiconductor XC9268 Datasheet HTML 13Page - Torex Semiconductor XC9268 Datasheet HTML 14Page - Torex Semiconductor XC9268 Datasheet HTML 15Page - Torex Semiconductor XC9268 Datasheet HTML 16Page - Torex Semiconductor XC9268 Datasheet HTML 17Page - Torex Semiconductor XC9268 Datasheet HTML 18Page - Torex Semiconductor XC9268 Datasheet HTML 19Page - Torex Semiconductor XC9268 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16/30
XC9268 Series
■NOTE ON USE(Continued)
4)
The DC/DC converter of this IC uses a current-limiting circuit to monitor the coil peak current. If the potential dropout voltage
is large or the load current is large, the peak current will increase, which makes it easier for current limitation to be applied
which in turn could cause the operation to become unstable. When the peak current becomes large, adjust the coil inductance
and sufficiently check the operation.
The following formula is used to show the peak current.
Peak Current: Ipk = (VIN – VOUT) × VOUT / VIN / (2 × L × fOSC) + IOUT
L: Coil Inductance [H]
fOSC: Oscillation Frequency [Hz]
IOUT: Load Current [A]
5)
If there is a large dropout voltage, a circuit delay could create the ramp-up of coil current with staircase waveform exceeding
the current limit.
6)
Even in the PWM control, the intermittent operation occurs and the ripple voltage becomes higher, when the minimum On
Time is faster than 85ns (TYP.) as well as the dropout voltage is large.
7) The ripple voltage could be increased when switching from discontinuous conduction mode to continuous conduction mode
and at switching to 100% Duty cycle. Please evaluate IC well on customer’s PCB.
8) PWM/PFM auto series may cause superimposed ripple voltage by continuous pulses if it uses in high temperature and no
load. It is necessa
ry to set an idle current of higher than 100 μA from VOUT if it uses at no load.
It can make an effect as same as RFB2 is lower than 7.5 kΩ, Please refer to the < Output voltage setting > in the TYPCAL
APPLICATION CIRCUIT..
9) If the voltage at the EN/SS Pin does not start from 0V but it is at the midpoint potential when the power is switched on, the
soft start function may not work properly and it may cause the larger inrush current and bigger ripple voltages.
10) Torex places an importance on improving our products and their reliability. We request that users incorporate fail-safe designs
and post-aging protection treatment when using Torex products in their systems.
11) Instructions of pattern layouts
The operation may become unstable due to noise and/or phase lag from the output current when the wire impedance is
high, please place the input capacitor(CIN) and the output capacitor (CL) as close to the IC as possible.
(1) In order to stabilize VIN voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible
to the VIN and GND pins.
(2) Please mount each external component as close to the IC as possible.
(3) Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit
impedance.
(4) Make sure that the GND traces are as thick as possible, as variations in ground potential caused
by high ground currents at the time of switching may result in instability of the IC.
(5) Please note that internal driver transistors bring on heat because of the load current and ON resistance
of High side driver transistor, Low side driver transistor. Please make sure that the heat is dissipated properly,
especially at higher temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com