Electronic Components Datasheet Search
  English  ▼

X  

XC9268 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9268 Datasheet HTML 1Page - Torex Semiconductor XC9268 Datasheet HTML 2Page - Torex Semiconductor XC9268 Datasheet HTML 3Page - Torex Semiconductor XC9268 Datasheet HTML 4Page - Torex Semiconductor XC9268 Datasheet HTML 5Page - Torex Semiconductor XC9268 Datasheet HTML 6Page - Torex Semiconductor XC9268 Datasheet HTML 7Page - Torex Semiconductor XC9268 Datasheet HTML 8Page - Torex Semiconductor XC9268 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
XC9268 Series
36V Operation 600mA Synchronous Step-Down DC/DC Converters
Lx
PG
FB
GN D
VIN
EN/SS
C
IN
CL
L
RFB1
RFB2
CFB
RPG
2.2μF
10μF×2
ETR05071-001a
■FEATURES
Input Voltage Range
:
3.0 ~ 36V (Absolute Max 40V
Output Voltage Range
:
1.0 ~ 25V
FB Voltage
:
0.75V ± 1.5%
Oscillation Frequency
:
1.2MHz, 2.2MHz
Output Current
:
600mA
Quiescent Current
:
12.5μA (1.2MHz)
:
13.5μA (2.2MHz)
Control Methods
:
PWM/PFM Auto
:
Efficiency 83%@12V→5V、1mA
Soft-start Time
:
Adjustable by RC
Protection Circuits
:
Over Current Protection
:
Thermal Shutdown
Output Capacitor
:
Ceramic Capacitor
Operating Ambient Temperature
:
- 40℃ ~ + 105℃
Packages
:
SOT-89-5 (Without Power Good)
:
USP-6C (With Power Good)
Environmentally Friendly
:
EU RoHS Compliant, Pb Free
■GENERAL DESCRIPTION
The XC9268 series are 36V operation synchronous step-down DC/DC converter ICs with a built-in P-channel MOS driver transistor
and N-channel MOS switching transistor. The XC9268 series has operating voltage range of 3.0V~36.0V and high-efficiency power
supply up to an output current of 600mA. Low ESR capacitors such as ceramic capacitors can be used for the load capacitor (CL).
A 0.75V reference voltage source is incorporated in the IC, and the output voltage can be set to a value from 1.0V to 25.0V using
external resistors (RFB1, RFB2).
1.2MHz or 2.2MHz can be selected for the switching frequency. In automatic PWM/PFM control, the IC operates by PFM control
when the load is light to achieve high efficiency over the full load range from light to heavy.
The soft-start time is internally set to 2.0ms (TYP.), but can be adjusted to set a longer time using an external resistor and capacitor.
With the built-in UVLO function, the driver transistor is forced OFF when input voltage becomes 2.7V or lower.
The output state can be monitored using the power good function.
Internal protection circuits include over current protection and thermal shutdown circuits to enable safe use.
■APPLICATIONS
● Electric Meter
● Gas Detector
● Various Sensor
● Industrial Equipment
● Home appliance
■TYPICAL APPLICATION CIRCUIT
■TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC9268

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CER-G TOREX-XC9260A08CER-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CPR-G TOREX-XC9260A08CPR-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DER-G TOREX-XC9260A08DER-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DPR-G TOREX-XC9260A08DPR-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9268

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
600mA Synchronous Dual Output Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Torex Semiconductor
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9267 TOREX-XC9267 Datasheet
1Mb / 31P
36V Operation 0.6A Synchronous Step-Down DC/DC Converters
XC9280 TOREX-XC9280 Datasheet
1Mb / 29P
18V Operation 3.0A Synchronous Step-Down DC/DC Converters
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
18V Operation 500mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
XDL605 TOREX-XDL605 Datasheet
1Mb / 29P
36V Operation 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com