Electronic Components Datasheet Search
  English  ▼

X  

XC9268 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC9268 Datasheet HTML 8Page - Torex Semiconductor XC9268 Datasheet HTML 9Page - Torex Semiconductor XC9268 Datasheet HTML 10Page - Torex Semiconductor XC9268 Datasheet HTML 11Page - Torex Semiconductor XC9268 Datasheet HTML 12Page - Torex Semiconductor XC9268 Datasheet HTML 13Page - Torex Semiconductor XC9268 Datasheet HTML 14Page - Torex Semiconductor XC9268 Datasheet HTML 15Page - Torex Semiconductor XC9268 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12/30
XC9268 Series
■OPERATIONAL EXPLANATION
The XC9268 series consists internally of a reference voltage supply with soft-start function, error amp, PWM comparator, ramp
wave circuit, oscillator circuit, Current limiting PFM circuit, phase compensation (Current feedback) circuit, current limiting circuit,
High-side driver Tr., Low-side driver Tr., buffer drive circuit, internal power supply (Local Reg) circuit, under-voltage lockout
(UVLO) circuit, gate clamp (CLAMP) circuit, thermal shutdown (TSD) circuit, power good comparator, PWM/PFM control block
and other elements.
The voltage feedback from the FB pin is compared to the internal reference voltage by the error amp, the output from the error
amp is phase compensated, and the signal is input to the PWM comparator to determine the ON time of switching during PWM
operation. The output signal from the error amp is compared to the ramp wave by the PWM comparator, and the output is sent
to the buffer drive circuit and output from the LX pin as the duty width of switching. This operation is performed continuously to
stabilize the output voltage.
The driver transistor current is monitored at each switching by the phase compensation (Current feedback) circuit, and the
output signal from the error amp is modulated as a multi-feedback signal. This allows a stable feedback system to be obtained
even when a low ESR capacitor such as a ceramic capacitor is used, and this stabilizes the output voltage.
XC9268 Series
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
<Reference voltage source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Oscillator circuit>
The oscillator circuit determines switching frequency.1.2MHz or 2.2MHz is available for the switching frequency.
Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation.
<Error amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback
voltage divided by the internal voltage divider, RFB1 and RFB2. When a voltage is lower than the reference voltage, then the
voltage is fed back, the output voltage of the error amplifier increases. The error amplifier output is fixed internally to deliver an
optimized signal to the mixer.
PWM/PFM
ControlLOGIC
FB
+
-
+
-
Low
Side
Buffer
Lx
VIN
EN/SS
Chip
Enable
Vref
Soft Start
Under
Voltage
Lock Out
Current
Limit
Err Amp
GND
PG
(USP-6C Package Only)
+
-
Thermal
Shutdown
Comparator
PWM
LocalReg
Current
SENSE
Gate
CLAMP
PowerGood
Comparator
each
circuit
Ramp
Wave
OSC
High
Side
Buffer
Current
Limit
PFM
Operation
Enable
each
circuit
Current
feed
back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com