Electronic Components Datasheet Search
  English  ▼

X  

COP8CFE9 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP8CFE9 Datasheet HTML 1Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 2Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 3Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 4Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 5Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 6Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 7Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 8Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Pinouts for 44- and 48-Pin Packages
Port
Type
Alt. Function
In System
Emulation
Mode
44-Pin LLP
44-Pin PLCC
48-Pin
TSSOP
L0
I/O
MIWU
16
11
11
L1
I/O
MIWU
17
12
12
L2
I/O
MIWU
18
13
13
L3
I/O
MIWU
19
14
14
L4
I/O
MIWU or T2A
20
15
15
L5
I/O
MIWU or T2B
21
16
16
L6
I/O
MIWU
22
17
17
L7
I/O
MIWU
23
18
18
G0
I/O
INT
Input
7
2
2
G1
I/O
WDOUT
a
POUT
8
3
3
G2
I/O
T1B
Output
9
4
4
G3
I/O
T1A
Clock
10
5
5
G4
I/O
SO
11
6
6
G5
I/O
SK
12
7
7
G6
I
SI
13
8
8
G7
I
CKO
14
9
9
H0
I/O
42
37
41
H1
I/O
43
38
42
H2
I/O
44
39
43
H3
I/O
1
40
44
H4
I/O
2
41
45
H5
I/O
3
42
46
H6
I/O
4
43
47
H7
I/O
5
44
48
A0
I/O
ADCH0
33
A1
I/O
ADCH1
34
A2
I/O
ADCH2
36
31
35
A3
I/O
ADCH3
37
32
36
A4
I/O
ADCH4
38
33
37
A5
I/O
ADCH5
39
34
38
A6
I/O
ADCH6
40
35
39
A7
I/O
ADCH7
41
36
40
B0
I/O
ADCH8
24
19
19
B1
I/O
ADCH9
25
20
20
B2
I/O
ADCH10
26
21
21
B3
I/O
ADCH11
27
22
22
B4
I/O
ADCH12
28
23
23
B5
I/O
ADCH13 or A/D MUX OUT
29
24
24
B6
I/O
ADCH14 or A/D MUX OUT
30
25
25
B7
I/O
ADCH15 or A/DIN
31
26
26
DV
CC
V
CC
35
30
32
DGND
GND
32
27
27
AV
CC
34
29
31
AGND
33
28
28
CKI
I
15
10
10
RESET
I
RESET
61
1
a. G1 operation as WDOUT is controlled by Option Register bit 2.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com