Electronic Components Datasheet Search
  English  ▼

X  

COP8CFE9 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP8CFE9 Datasheet HTML 1Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 2Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 3Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 4Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 5Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 6Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 7Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 8Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
COP8CFE9
8-Bit CMOS Flash Microcontroller with 8k Memory,
Virtual EEPROM, and 10-Bit A/D
General Description
The COP8CFE9 Flash microcontroller is a highly integrated
COP8™ Feature core device, with 8k Flash memory and
advanced features including Virtual EEPROM, A/D, and High
Speed Timers. This single-chip CMOS device is suited for
applications requiring a full featured, in-system reprogram-
mable controller with large memory and low EMI. The same
device is used for development, pre-production and volume
production with a range of COP8 software and hardware
development tools.
Device included in this datasheet:
Device
Flash Program
Memory (bytes)
RAM
(bytes)
Brownout
Voltage
I/O
Pins
Packages
Temperature
COP8CFE9
8k
256
No Brownout
37, 39
44 LLP,
44 PLCC,
48 TSSOP
−40˚C to +85˚C
−40˚C to +125˚C
Features
KEY FEATURES
n
8k bytes Flash Program Memory with Security Feature
n
Virtual EEPROM using Flash Program Memory
n
256byte volatile RAM
n
10-bit Successive Approximation Analog to Digital
Converter (up to 16 channels)
n
100% Precise Analog Emulation
n
2.7V – 5.5V In-System Programmability of Flash
n
High endurance -100k Read/Write Cycles
n
Superior Data Retention - 100 years
n
HALT/IDLE Power Save Modes
n
Two 16-bit timers:
— Timer T2 can operate at high speed (50 ns
resolution)
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
High Current I/Os
— B0 – B3: 10 mA @ 0.3V
— All others: 10 mA @ 1.0V
OTHER FEATURES
n
Single supply operation:
— 2.7V–5.5V (−40˚C to +85˚C)
— 4.5V–5.5V (−40˚C to +125˚C)
n
Quiet Design (low radiated emissions)
n
Multi-Input Wake-up with optional interrupts
n
MICROWIRE/PLUS (Serial Peripheral Interface
Compatible)
n
Nine multi-source vectored interrupts servicing:
— External Interrupt
— Idle Timer T0
— Two Timers (each with 2 interrupts)
— MICROWIRE/PLUS Serial peripheral interface
— Multi-Input Wake-up
— Software Trap
n
Idle Timer with programmable interrupt interval
n
8-bit Stack Pointer SP (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
n
True bit manipulation
n
WATCHDOG and Clock Monitor logic
n
Software selectable I/O options
— TRI-STATE Output/High Impedance Input
— Push-Pull Output
— Weak Pull Up Input
n
Schmitt trigger inputs on I/O ports
n
Temperature range: –40˚C to +85˚C and –40˚C to
+125˚C
n
Packaging: 44 PLCC, 44 LLP and 48 TSSOP
COP8™ is a trademark of National Semiconductor Corporation.
PRELIMINARY
April 2002
© 2002 National Semiconductor Corporation
DS200264
www.national.com


Similar Part No. - COP8CFE9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBE9HLQ9 NSC-COP8CBE9HLQ9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBE9HVA9 NSC-COP8CBE9HVA9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBE9IMT9 NSC-COP8CBE9IMT9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
More results

Similar Description - COP8CFE9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
logo
National Semiconductor ...
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com