Electronic Components Datasheet Search
  English  ▼

X  

COP8CFE9 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP8CFE9 Datasheet HTML 4Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 5Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 6Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 7Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 8Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 9Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 10Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 11Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
2.0 Electrical Characteristics (Continued)
TABLE 1. DC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Input Capacitance
7pF
Voltage on G6 to Force Execution from Boot
ROM(Note 8)
G6 rise time must be slower
than 100 ns
2xV
CC
V
CC +7
V
G6 Rise Time to Force Execution from Boot ROM
100
nS
Input Current on G6 when Input > V
CC
V
IN =11V,VCC = 5.5V
500
µA
Flash Memory Data Retention
25˚C
100
yrs
Flash Memory Number of Erase/Write Cycles
See
Table 14, Typical Flash
Memory Endurance
10
5
cycles
AC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator
4.5V
≤ V
CC ≤ 5.5V
0.5
DC
µs
2.7V
≤ V
CC < 4.5V
1.5
DC
µs
Flash Memory Page Erase Time
See
Table 14, Typical
Flash Memory
Endurance
1ms
Flash Memory Mass Erase Time
8
ms
Frequency of MICROWIRE/PLUS in
Slave Mode
2
MHz
MICROWIRE/PLUS Setup Time (t
UWS)20
ns
MICROWIRE/PLUS Hold Time (t
UWH)20
ns
MICROWIRE/PLUS Output Propagation
Delay (t
UPD)
150
ns
Input Pulse Width
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1 Input High Time
1
t
C
Timer 1 Input Low Time
1
t
C
Timer 2 Input High Time (Note 6)
1
MCLK or t
C
Timer 2 Input Low Time (Note 6)
1
MCLK or t
C
Output Pulse Width
Timer 2 Output High Time
150
ns
Timer 2 Output Low Time
150
ns
Reset Pulse Width
1
t
C
tC = instruction cycle time.
Note 2: Maximum rate of voltage change must be < 0.5 V/ms.
Note 3: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180˚ out of phase with CKI, inputs connected to VCC
and outputs driven low but not connected to a load.
Note 4: The HALT mode will stop CKI from oscillating. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with A. B, G0, G2–G5,
H and L programmed as low outputs and not driving a load; all inputs tied to VCC; A/D converter and clock monitor and BOR disabled. Parameter refers to HALT
mode entered via setting bit 7 of the G Port data register.
Note 5: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when
biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). These two pins will not latch up. The voltage at the pins must
be limited to < 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning excludes ESD transients.
Note 6: If timer is in high speed mode, the minimum time is 1 MCLK. If timer is not in high speed mode, the minimum time is 1 tC.
Note 7: Absolute Maximum Ratings should not be exceeded.
Note 8: Vcc must be valid and stable before G6 is raised to a high voltage.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com