Electronic Components Datasheet Search
  English  ▼

X  

COP8CFE9 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP8CFE9 Datasheet HTML 3Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 4Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 5Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 6Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 7Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 8Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 9Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 10Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pin (Source)
200 mA
Total Current out of GND Pin (Sink)
200 mA
Storage Temperature Range
−65˚C to +140˚C
ESD Protection Level
2 kV (Human Body
Model)
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
2.0 Electrical Characteristics
TABLE 1. DC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
Power Supply Ripple (Note 2)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 3)
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
11.5
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
5
mA
HALT Current with BOR Disabled (Note 4)
V
CC = 5.5V, CKI=0MHz
<210
µA
Idle Current (Note 3)
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
1.8
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
0.8
mA
Supply Current When Programming In ISP
V
CC = 5.0V, tC = 0.5 µs
26
mA
Input Levels (V
IH,VIL)
Logic High
0.8 V
CC
V
Logic Low
0.16 V
CC
V
Internal Bias Resistor for the CKI
Crystal/Resonator Oscillator
0.3
1.0
2.5
M
Ω
Hi-Z Input Leakage
V
CC = 5.5V
−0.5
+0.5
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−50
−210
µA
Port Input Hysteresis
0.25 V
CC
V
Output Current Levels
B0-B3 Outputs
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−10
µA
V
CC = 2.7V, VOH = 1.8V
-5
µA
Source (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOH = 4.2V
−10
mA
V
CC = 2.7V, VOH = 2.4V
−6
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 0.3V
10
mA
V
CC = 2.7V, VOL = 0.3V
6
mA
Allowable Sink and Source Current per Pin
20
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−10
µA
V
CC = 2.7V, VOH = 1.8V
−5
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−7
mA
V
CC = 2.7V, VOH = 1.8V
−4
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.7V, VOL = 0.4V
3.5
mA
Allowable Sink and Source Current per Pin
15
mA
TRI-STATE Leakage
V
CC = 5.5V
−0.5
+0.5
µA
Maximum Input Current without Latchup (Note 5)
±200
mA
RAM Retention Voltage, V
R (in HALT Mode)
2.0
V
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com