Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 30Page - Analog Devices LTC7803 Datasheet HTML 31Page - Analog Devices LTC7803 Datasheet HTML 32Page - Analog Devices LTC7803 Datasheet HTML 33Page - Analog Devices LTC7803 Datasheet HTML 34Page - Analog Devices LTC7803 Datasheet HTML 35Page - Analog Devices LTC7803 Datasheet HTML 36Page - Analog Devices LTC7803 Datasheet HTML 37Page - Analog Devices LTC7803 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
LTC7811
34
Rev. 0
For more information www.analog.com
5. Losses in the boost channel output diode. The power
dissipation in the diode is :
PDIODE = IOUT3(MAX) • VF
This diode can be a significant contributor to power
loss. For an 8V output with 7A of load current, a
Schottky diode with a 0.4V voltage drop dissipates
2.8W, which equates to a 5% power loss.
Other hidden losses such as copper trace and internal
battery resistances can account for an additional 5% to
10% efficiency degradation in portable systems. It is very
important to include these “system” level losses during
the design phase. The internal battery and fuse resistance
losses can be minimized by making sure that CIN has ade-
quate charge storage and very low ESR at the switching
frequency. A 25W supply will typically require a minimum
of 20μF to 40μF of capacitance having a maximum of
20mΩ to 50mΩ of ESR. The LTC7811 2-phase architec-
ture typically halves this input capacitance requirement
over competing solutions. Other losses including induc-
tor core losses generally account for less than 2% total
additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ΔILOAD • (ESR), where ESR is the effective
series resistance of COUT. ΔILOAD also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capaci-
tance and ESR values. The availability of the ITH pin not
only allows optimization of control loop behavior, but it
also provides a DC coupled and AC filtered closed loop
response test point. The DC step, rise time and settling
at this test point truly reflects the closed loop response.
Assuming a predominantly second order system, phase
APPLICATIONS INFORMATION
margin and/or damping factor can be estimated using the
percentage of overshoot seen at this pin. The bandwidth
can also be estimated by examining the rise time at the
pin. The ITH external components shown in the Typical
Applications circuits provide an adequate starting point
for most applications.
The ITH series RC-CC filter sets the dominant pole-zero
loop compensation. The values can be modified slightly
(from 0.5 to 2 times their initial values) to optimize tran-
sient response once the final PC layout is done and the
particular output capacitor type and value have been
determined. The output capacitors need to be selected
because the various types and values determine the loop
gain and phase. An output current pulse of 20% to 80%
of full-load current having a rise time of 1μs to 10μs will
produce output voltage and ITH pin waveforms that will
give a sense of the overall loop stability without breaking
the feedback loop.
Placing a power MOSFET directly across the output
capacitor and driving the gate with an appropriate signal
generator is a practical way to produce a realistic load step
condition. The initial output voltage step resulting from
the step change in output current may not be within the
bandwidth of the feedback loop, so this signal cannot be
used to determine phase margin. This is why it is better to
look at the ITH pin signal which is in the feedback loop and
is the filtered and compensated control loop response.
The gain of the loop will be increased by increasing RC and
the bandwidth of the loop will be increased by decreas-
ing CC. If RC is increased by the same factor that CC is
decreased, the zero frequency will be kept the same,
thereby keeping the phase shift the same in the most
critical frequency range of the feedback loop. The output
voltage settling behavior is related to the stability of the
closed-loop system and will demonstrate the actual over-
all supply performance.
A second, more severe transient is caused by switching
in loads with large (>1μF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com