Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices LTC7803 Datasheet HTML 13Page - Analog Devices LTC7803 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
LTC7811
10
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Voltage vs Current
EXTVCC Switchover and INTVCC
Voltage vs Temperature
INTVCC Undervoltage Lockout
Thresholds vs Temperature
VBIAS = 12V
EXTVCC = 0V
EXTVCC = 6V
EXTVCC = 5V
INTVCC LOAD CURRENT (mA)
0
50
100
150
200
250
300
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
INTVCC Voltage vs Current
7811 G28
INTVCC VOLTAGE
EXTVCC RISING
EXTVCC FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
4.2
4.4
4.6
4.8
5.0
5.2
5.4
Voltage vs Temperature
EXTVCC Switchover and INTVCC
7811 G29
INTVCC RISING
INTVCC FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
Thresholds vs Temperature
INTVCC Undervoltage Lockout
7811 G30
RUN Pin Thresholds
vs Temperature
VBIAS Quiescent Current
vs Temperature
Shutdown Current
vs VBIAS Input Voltage
BATTSNS Thresholds vs
Temperature
BATTSNS Pin Current vs Voltage
TRACK/SS Pull-Up Current
vs Temperature
RISING
FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
vs Temperature
RUN Pin Thresholds
7811 G31
VBIAS = 12V
EXTVCC = 12V, SENSE1–=3.3V
EXTVCC = 0V, SENSE1–=3.3V
EXTVCC = 0V, SENSE1–=0V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
5
10
15
20
25
30
35
40
vs Temperature
VBIAS Quiescent Current
7811 G32
ALL CHANNELS ON
SLEEP MODE
VBIAS INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
vs Input Voltage
Shutdown Current
7811 G33
150°C
–55°C
25°C
VBIAS = RUN3 = 12V
RISING
FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
9.0
9.2
9.4
9.6
9.8
10.0
10.2
vs Temperature
BATTSNS Thresholds
7811 G34
VBIAS = RUN3 = 12V
–55°C
25°C
125°C
150°C
BATTSNS VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
3.0
BATTSNS Pin Current vs Voltage
7811 G35
TEMPERATURE (oC)
–55 –25
5
35
65
95
125 155
11.0
11.5
12.0
12.5
13.0
13.5
14.0
vs Temperature
TRACK/SS Pull–Up Current
7811 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com