Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 19Page - Analog Devices LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices LTC7803 Datasheet HTML 25Page - Analog Devices LTC7803 Datasheet HTML 26Page - Analog Devices LTC7803 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
LTC7811
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3. Setting the Operating Frequency
FREQ PIN RESISTOR (Ω)
10k
100k
500k
100k
1M
10M
7811 F03b
Selecting the Light-Load Operating Mode
The LTC7811 can be set to enter high efficiency Burst
Mode operation, constant frequency pulse-skipping mode
or forced continuous conduction mode at light load cur-
rents. To select Burst Mode operation, tie the MODE to
ground. To select forced continuous operation, tie the
MODE pin to INTVCC. To select pulse-skipping mode, tie
the MODE pin to INTVCC through a 100k resistor. An inter-
nal 100k resistor from the MODE pin to ground selects
Burst Mode if the pin is floating. When synchronized to
an external clock through the PLLIN/SPREAD pin, the
LTC7811 operates in pulse skipping mode if it is selected,
or in forced continuous mode otherwise. Table 2 sum-
marizes the use of the MODE pin to select the light load
operating mode.
Table 2.
MODE PIN
LIGHT-LOAD OPERATING
MODE
MODE WHEN
SYNCHRONIZED
0V or Floating
Burst Mode
Forced Continuous
100k to INTVCC
Pulse-Skipping
Pulse-Skipping
INTVCC
Forced Continuous
Forced Continuous
In general, the requirements of each application will dictate
the appropriate choice for light-load operating mode. In
Burst Mode operation, the inductor current is not allowed
to reverse. The reverse current comparator turns off the
bottom MOSFET just before the inductor current reaches
zero, preventing it from reversing and going negative.
Thus, the regulator operates in discontinuous operation.
In addition, when the load current is very light, the induc-
tor current will begin bursting at frequencies lower than
the switching frequency, and enter a low current sleep
mode when not switching. As a result, Burst Mode opera-
tion has the highest possible efficiency at light load.
77.5% at 2.25MHz
FREQUENCY (Hz)
100k
1M
3M
65
70
75
80
85
90
95
100
7811 F03a
(a) Relationship Between Oscillator Frequency and
Boost Channel Maximum Duty Cycle
(b) Relationship Between Oscillator Frequency and
Resistor Value at the FREQ Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com