Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 56Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 57Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 58Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 59Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 60Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 61Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 62Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 63Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
WRITEALL Command
The WRITEALL command writes a 16-bit value to a speci-
fied register in all daisy-chained devices. Since most con-
figuration information is common to all the devices, this
command allows faster setup than writing to each device
individually. If the register address is not valid for the
device, the command is ignored. The command sequence
is shown in Table 28.
The register value is written immediately after the valid
PEC byte is received, or if NOPEC is set, after the last
byte is received. If the received PEC byte does not match
the internal calculation, the command is not executed, but
is still forwarded to the next device. The PEC is calculated
from the first four bytes of the command starting after the
preamble. A PEC error will generate a PEC alert in the
device STATUS register.
WRITEDEVICE Command
The WRITEDEVICE command writes a 16-bit value to
the specified register in the addressed device only. If the
register address is not valid for the device, the command
is ignored. The command sequence is shown in Table 29.
The register value is written immediately after the valid
PEC byte is received, or if NOPEC is set, after the last
byte is received. If the received PEC byte does not match
the internal calculation, the command is not executed,
but is still forwarded to the next device. The PEC is cal-
culated from the first four bytes of the command starting
after the preamble. A PEC error sets the ALRTPEC bit in
the STATUS register. A PEC error can only occur in the
addressed device.
Table 28. WRITEALL Sequencing (Unchanged by Daisy-Chain)
Table 29. WRITEDEVICE Sequencing (Unchanged by Daisy-Chain)
*If alive-counter mode is enabled.
*If alive-counter mode is enabled.
HOST TX
DEVICE (n) RXL
DEVICE (n) TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
02h
02h
02h
02h
[REG ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[DATA LSB]
[DATA LSB]
[DATA LSB]
[DATA LSB]
[DATA MSB]
[DATA MSB]
[DATA MSB]
[DATA MSB]
[PEC]
[PEC]
[PEC]
[PEC]
[ALIVE]*
[ALIVE]*
[ALIVE]*
[ALIVE]*
Stop
Stop
Stop
Stop
HOST TX
DEVICE (N) RXL
DEVICE (N) TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
{(DA[4:0]),0b100}
{(DA[4:0]),0b100}
{(DA[4:0]),0b100}
{(DA[4:0]),0b100}
[REG ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[DATA LSB]
[DATA LSB]
[DATA LSB]
[DATA LSB]
[DATA MSB]
[DATA MSB]
[DATA MSB]
[DATA MSB]
[PEC]
[PEC]
[PEC]
[PEC]
[ALIVE]*
[ALIVE]*
[ALIVE]*
[ALIVE]*
Stop
Stop
Stop
Stop
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com