Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 11Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 12Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 13Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 14Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 15Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 16Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 17Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 18Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 131 page
background image
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40°C and TMAX =+125°C. Typical values are at TA = +25°C.
Operation is with the recommended application circuit.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Voltage
VDCIN
9
65
V
Supply Current
(Note 6)
IDCSHDN
VSHDNL= 0V
0.1
3
µA
IDCSTBY
VSHDNL > 1.8V, baud rate = 0
(100% idle), SCAN = 0, BALSWEN,
CTSTEN = 0000h
1.5
2.0
2.7
mA
IDCCOMM
Baud rate = 2Mb/s (0% idle time
preambles mode), 200pF load on TXUP,
200pF on TXUN, TXL not active, SCAN
= 0, BALSWEN, CTSTEN = 0000h
2.0
5
mA
IDCMEAS
MEASUREEN = 0FFFh,
acquisition mode
3.5
5.4
8
mA
HV Measurement Current
IHVMEAS
MEASUREEN = 0FFFh, acquisition
mode, VHV = VDCIN + 5.5V
0.9
1.1
1.3
mA
Incremental HV Current
for n Balancing Switches
Enabled
IHVBAL
VHV = VDCIN + 5.5V,
cell-balancing mode
(n+1) x
5
(n+1) x
13.5
(n+1) x
26
µA
VOLTAGE INPUTS (Cn, for n = 1 to 12 and VBLKP)
Differential Input Range,
VCELLn = VCn - VCn-1
(Note 7)
VCELLn
Unipolar mode
0.2
4.8
V
Bipolar mode
-2.3
+2.3
V
Common-Mode Input Range
VCnCM
SWn inputs not connected
0
65
V
Input Leakage Current
ILKGCn_L
VHV = 71V, Cn = 0V
-200
-10
+200
nA
Input Leakage Current
ILKGCn_H
C0 = 5V, C1 to C5 = 28V,
C6 to C12 = 65V; VHV = 71V
-200
±10
+200
nA
VBLKP Input Resistance
(to AGND)
RVBLKP
VBLKP = VDCIN = 57.6V
4.5
10
20
MΩ
HVMUX Switch Resistance
RMUX
CTSTDAC[3:0] = Fh
1.7
2.5
6
kΩ
CELL-BALANCING INPUTS (SWn for n = 1 to 12)
Leakage Current
ILKG_SW
VDCIN = 60V, VSWn = 5 x N,
all SWn pins biased
-1
+1
µA
Resistance, SWn to SWn-1
RSWn
BALSWENn = 1, ISWn = 100mA
0.5
2
5
Ω
AUXILIARY INPUTS (AUXIN1, AUXIN2)
Input Voltage Range
VAUXINn
0
VTHRM
V
Input Leakage Current
ILKG_AUX
ADC off; VAUXINn = 1.65V
-400
10
+400
nA
THRM OUTPUT
Switch Resistance, THRM
to VAA
RTHRM
25
100
Ω
THRM Leakage
ITHRM
VTHRM = 1.65V
-1
+1
µA
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 15
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com