Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 84Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 85Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 86Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 87Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 88Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 89Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 90Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 91Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 131 page
background image
Applications Information
Vehicle Applications
Battery cells can use various chemistries such as NiMH,
Li-ion, SuperCap, or Lead-Acid. SuperCap cells are used
in fast-charge applications such as energy storage for
regenerative braking. An electric vehicle system may
require a high-voltage battery pack containing up to 200
Li-ion cells, or up to 500 NiMH cells.
A battery module is a number of cells connected in series
that can be connected with other modules to build a
high-voltage battery pack (see Figure 58). The modularity
allows for economy, configurability, quick assembly, and
serviceability. The minimum number of cells connected to
any one device is limited by the device’s minimum operat-
ing voltage. The 9V minimum for VDCIN usually requires
at least two Li-ion, six NiMH or six SuperCap cells per
module.
Figure 58. Electric Vehicle System
VEHICLE
12V PWR
CELL STACK
BATTERY
MANAGEMENT
SYSTEM
(BMS)
VEHICLE
CONTROL
SYSTEM
(VCS)
VEHICLE GND
COMM BUS
COMM
BUS
BATTERY PACK
PHASE 1
INVERTER
MAIN HV+
CONTACTOR
PLUG
PLUG
MAIN HV-
CONTACTOR
PHASE 2
PHASE 3
CHASSIS GROUND
M
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com