Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 94 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 94 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 90Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 91Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 92Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 93Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 94Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 95Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 96Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 97Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 98Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 131 page
background image
UART Supplemental ESD Protection
The UART ports may require supplemental protection to
meet IEC 61000-4-2 requirements for contact discharge.
The recommended circuits to meet ±8kV protection levels
are shown in Figures 64 and 65. The protection compo-
nents should be placed as near as possible to the signal’s
entry point on the PCB.
Single-Ended RX Mode
To configure the lower port for single-ended RX mode, the
RXLP input is connected to digital ground and the RXLN
input receives the inverted signal, just as it does for dif-
ferential mode. If the host cannot transmit inverted data
then the signal must be inverted as shown in Figure 66.
Transmitter operation is not affected. If the upstack device
is single-ended, so only the TXUN signal is required.
Note: in single-ended mode, SHDNL must be driven
externally; leave TXLP unconnected.
UART Isolation
The UART is expected to communicate reliably in noisy
high-power battery environments, where both high dV/dt
supply noise and common-mode current injection induced
by electromagnetic fields are prevalent. Common-mode
currents can also be induced by parasitic coupling of the
system to a reference node such as a battery or vehicle
chassis. The daisy-chain physical layer is designed for
maximum noise immunity.
Figure 65. External ESD Protection for UART RX Ports
Figure 66. Application Circuit for Single-Ended Mode
RXN
RXP
GNDL
2.2nF
600V
2.2nF
600V
15pF
50V
15pF
50V
100Ω
100kΩ
100kΩ
100Ω
PESD1CAN
FROM
TRANSMITTER
1.5kΩ
1.5kΩ
RXLP
RXLN
GNDL
Cf
15pF
Rf
1.5kΩ
UART
DATA
ISOLATED OR
NON-ISOLATED
INVERTING LOGIC
DRIVER
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com