Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 93 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 93 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 89Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 90Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 91Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 92Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 93Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 94Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 95Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 96Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 97Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 131 page
background image
UART Supplemental ESD Protection
The UART ports may require supplemental protection to
meet IEC 61000-4-2 requirements for contact discharge.
The recommended circuits to meet ±8kV protection levels
are shown in Figure 64 and Figure 65. The protection
components should be placed as near as possible to the
signal’s entry point on the PCB.
Figure 63. High-Z Idle Mode Application Circuit
Figure 64. External ESD Protection for UART TX Ports
TX[U,L]N
TX[U,L]P
GNDL[2,3]
VAA
FMB3906
TO REST OF TX CIRCUIT
OR RX CIRCUIT
R44
47Ω
R45
47Ω
R47
10kΩ
R49
10kΩ
R46
10kΩ
R48
10kΩ
VDDL[2,3]
MAX17843
TXN
TXP
47Ω
47Ω
GNDL
TO RECEIVER
PESD1CAN
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com