Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 102 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 102 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 98Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 99Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 100Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 101Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 102Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 103Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 104Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 105Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 106Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
ALRTOSC1
Indicates that the 32kHz oscillator frequency is not within ±5% of its expected value. The
status is updated every two cycles (32kHz). Cleared only by writing to logic-zero. Writing to
a logic-one has no effect.
D14
0
ALRTOSC2
Same as ALRTOSC1 (redundant alert). Cleared only by writing to logic-zero. Writing to a
logic-one has no effect.
D13
0
0
Always reads logic-zero.
D12
0
ALRTCOMMSEU1
Indicates that the UART has placed the upper-port receiver in single-ended mode based on
the first preamble received after POR. This bit is not set until the ALRTRST bit is cleared.
Read-only.
D11
0
ALRTCOMMSEL1
Indicates that the UART has placed the lower-port receiver in single-ended mode based on
the first preamble received after POR. This bit is not set until the ALRTRST bit is cleared.
Read-only.
D10
0
ALRTCOMMSEU2
Same as ALRTCOMMSEU1 (redundant alert) except that it sets before ALRTRST is
cleared. Read-only.
D9
0
ALRTCOMMSEL2
Same as ALRTCOMMSEL2 (redundant alert) except that it sets before ALRTRST is
cleared. Read-only.
D8
0
ALRTVDDL3
Indicates VDDL3 < VVDDL_OC. This bit is not set until the ALRTRST bit is cleared, and
cleared only by writing to logic-zero. Writing to a logic-one has no effect.
D7
0
ALRTVDDL2
Indicates VDDL2 < VVDDL_OC. This bit is not set until the ALRTRST bit is cleared, and
cleared only by writing to logic-zero. Writing to a logic-one has no effect.
D6
0
ALRTGNDL2
Indicates an open circuit on the GNDL2 pin. This bit is not set until the ALRTRST bit is
cleared, and cleared only by writing to logic-zero. Writing to a logic-one has no effect.
D5
0
ALRTBALSW
Bit-wise logical OR of ALRTBALSW[15:0]. Cleared automatically if the fault is cleared, or by
writing it to logic-zero.
D4
0
ALRTTEMP
Indicates that TDIE > 115°C (120°C typ) or that the diagnostic measurement did not have
sufficient settling time (< 50µs) and therefore may not be accurate. Cleared only by writing
to logic-zero. Writing to a logic-one has no effect.
D3
0
ALRTHVUV
Indicates VHV < VHVUV. This bit is not set until the ALRTRST bit is cleared, and cleared
only by writing to logic-zero. Writing to logic-one has no effect.
D2
0
ALRTGNDL3
Indicates an open circuit on the GNDL3 pin. This bit is not set until the ALRTRST bit is
cleared, and cleared only by writing to logic-zero. Writing to a logic-one has no effect.
D1
0
ALRTVDDL1
Indicates VDDL1 < VVDDL_OC. This bit is not set until the ALRTRST bit is cleared and
cleared only by writing to logic-zero. Writing to a logic-one has no effect.
D0
0
ALRTGNDL1
Indicates an open circuit on the GNDL1 pin. This bit is not set until the ALRTRST bit is
cleared, and cleared only by writing to logic-zero. Writing to a logic-one has no effect.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 102
FMEA1 Register (address 0x03)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com