Electronic Components Datasheet Search
  English  ▼

X  

ADF7023BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADF7023BCPZ
Description  High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF7023BCPZ Datasheet HTML 35Page - Analog Devices ADF7023BCPZ Datasheet HTML 36Page - Analog Devices ADF7023BCPZ Datasheet HTML 37Page - Analog Devices ADF7023BCPZ Datasheet HTML 38Page - Analog Devices ADF7023BCPZ Datasheet HTML 39Page - Analog Devices ADF7023BCPZ Datasheet HTML 40Page - Analog Devices ADF7023BCPZ Datasheet HTML 41Page - Analog Devices ADF7023BCPZ Datasheet HTML 42Page - Analog Devices ADF7023BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
Data Sheet
ADF7023
Rev. C | Page 39 of 112
Table 11. ADF7023 Command Execution Times and State Transition Times That Are Not Related to PHY_TX or PHY_RX
Command/Bit
Command
Initiated By
Present
State
Next State
Normal
Transition
Time (µs),
Typical
Fast
Transition
Time (μs)
Typical
Condition
CMD_HW_RESET
Host
Any
PHY_SLEEP
1
1
CMD_PHY_SLEEP
Host
PHY_OFF
PHY_SLEEP
22.3
22.3
CMD_PHY_SLEEP
Host
PHY_ON
PHY_SLEEP
24.1
24.1
CMD_PHY_OFF
Host
PHY_ON
PHY_OFF
24
11
From rising edge of CS to
CMD_FINISHED interrupt
CMD_PHY_ON
Host
PHY_OFF
PHY_ON
258/73
213/28
From rising edge of CS to
CMD_FINISHED interrupt; IF filter
calibration enabled/disabled
CMD_GET_RSSI
Host
PHY_ON
PHY_ON
631/450
523/353
RSSI_WAIT_TIME (Address 0x138) =
0xA7/0x37
CMD_CONFIG_DEV
Host
PHY_OFF
PHY_OFF
72
23
From rising edge of CS to
CMD_FINISHED interrupt
CMD_CONFIG_DEV
Host
PHY_ON
PHY_ON
75.5
24.5
From rising edge of CS to
CMD_FINISHED interrupt
CMD_BB_CAL
Host
PHY_ON
PHY_ON
221
204
From rising edge of CS to
CMD_FINISHED interrupt
Wake-Up from PHY_SLEEP,
(WUC Timeout)
Automatic
PHY_SLEEP
PHY_OFF
304
304
7 pF load capacitance, T
A = 25°C
Wake-Up from PHY_SLEEP,
(CS Low)
Host
PHY_SLEEP
PHY_OFF
304
304
7 pF load capacitance, T
A = 25°C
Cold Start
Application
of power
N/A
PHY_OFF
304
304
7 pF load capacitance, T
A = 25°C
Table 12. ADF7023 State Transition Times Related to PHY_TX and PHY_RX
Mode
Command/Bit/
Automatic
Transition
Present
State
Next
State
Normal Transition
Time (μs)1, 2,
Typical
Fast
Transition
Time (μs)1, 2,
Typical
Condition
Packet
CMD_PHY_ON
PHY_TX
PHY_ON
T
EOP + TPARAMP_DOWN +
T
BYTE + 43
T
EOP +
T
PARAMP_DOWN +
T
BYTE + 15
From rising edge of CS to CMD_FINISHED
interrupt
Packet
CMD_PHY_ON
PHY_RX
PHY_ON
T
BYTE + 48
T
BYTE + 21
From rising edge of CS to CMD_FINISHED
interrupt, CMD_PHY_ON issued during
search for preamble
50.5
23
From rising edge of CS to CMD_FINISHED
interrupt, CMD_PHY_ON issued during
preamble qualification
50.5
23
From rising edge of CS to CMD_FINISHED
interrupt, CMD_PHY_ON issued during
sync word qualification
T
EOP + 62.5
T
EOP + 18
From rising edge of CS to CMD_FINISHED
interrupt, CMD_PHY_ON issued during
RX data (after a sync word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com