Electronic Components Datasheet Search
  English  ▼

X  

ADF7023BCPZ Datasheet(PDF) 90 Page - Analog Devices

Part # ADF7023BCPZ
Description  High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023BCPZ Datasheet(HTML) 90 Page - Analog Devices

Back Button ADF7023BCPZ Datasheet HTML 86Page - Analog Devices ADF7023BCPZ Datasheet HTML 87Page - Analog Devices ADF7023BCPZ Datasheet HTML 88Page - Analog Devices ADF7023BCPZ Datasheet HTML 89Page - Analog Devices ADF7023BCPZ Datasheet HTML 90Page - Analog Devices ADF7023BCPZ Datasheet HTML 91Page - Analog Devices ADF7023BCPZ Datasheet HTML 92Page - Analog Devices ADF7023BCPZ Datasheet HTML 93Page - Analog Devices ADF7023BCPZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
ADF7023
Data Sheet
Rev. C | Page 90 of 112
Table 50. Packet RAM Memory
Address
Register
R/W
0x000
VAR_COMMAND
R/W
0x0011
Product code, most significant byte = 0x70
R
0x0021
Product code, least significant byte = 0x23
R
0x0031
Silicon revision code, most significant byte
R
0x0041
Silicon revision code, least significant byte
R
0x005 to 0x00B
Reserved
R
0x00D
VAR_TX_MODE
R/W
0x00E to 0x00F
Reserved
R
1 Only valid on power-up or wake-up from the PHY_SLEEP state because the communications processor overwrites these values on exit from the PHY_ON state.
BBRAM REGISTER DESCRIPTION
Table 51. 0x100: INTERRUPT_MASK_0
Bit
Name
R/W
Description
[7]
INTERRUPT_NUM_WAKEUPS
R/W
Interrupt when the number of WUC wake-ups (NUMBER_OF_WAKEUPS[15:0])
has reached the threshold (NUMBER_OF_WAKEUPS_IRQ_THRESHOLD[15:0])
1: interrupt enabled; 0: interrupt disabled
[6]
INTERRUPT_SWM_RSSI_DET
R/W
Interrupt when the measured RSSI during smart wake mode has exceeded the
RSSI threshold value (SWM_RSSI_THRESH, Address 0x108)
1: interrupt enabled; 0: interrupt disabled
[5]
INTERRUPT_AES_DONE
R/W
Interrupt when an AES encryption or decryption command is complete; available
only when the AES firmware module has been loaded to the ADF7023 program
RAM
1: interrupt enabled; 0: interrupt disabled
[4]
INTERRUPT_TX_EOF
R/W
Interrupt when a packet has finished transmitting
1: interrupt enabled; 0: interrupt disabled
[3]
INTERRUPT_ADDRESS_MATCH
R/W
Interrupt when a received packet has a valid address match
1: interrupt enabled; 0: interrupt disabled
[2]
INTERRUPT_CRC_CORRECT
R/W
Interrupt when a received packet has the correct CRC
1: interrupt enabled; 0: interrupt disabled
[1]
INTERRUPT_SYNC_DETECT
R/W
Interrupt when a qualified sync word has been detected in the received packet
1: interrupt enabled; 0: interrupt disabled
[0]
INTERRUPT_PREMABLE_DETECT
R/W
Interrupt when a qualified preamble has been detected in the received packet
1: interrupt enabled; 0: interrupt disabled
Table 52. 0x101: INTERRUPT_MASK_1
Bit
Name
R/W
Description
[7]
BATTERY_ALARM
R/W
Interrupt when the battery voltage has dropped below the threshold value
(BATTERY_MONITOR_THRESHOLD_VOLTAGE, Address 0x32D)
1: interrupt enabled; 0: interrupt disabled
[6]
CMD_READY
R/W
Interrupt when the communications processor is ready to load a new command;
mirrors the CMD_READY bit of the status word
1: interrupt enabled; 0: interrupt disabled
[5]
Reserved
R/W
[4]
WUC_TIMEOUT
R/W
Interrupt when the WUC has timed out
1: interrupt enabled; 0: interrupt disabled
[3]
Reserved
R/W
[2]
Reserved
R/W
[1]
SPI_READY
R/W
Interrupt when the SPI is ready for access
1: interrupt enabled; 0: interrupt disabled
[0]
CMD_FINISHED
R/W
Interrupt when the communications processor has finished performing a
command
1: interrupt enabled; 0: interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com