Electronic Components Datasheet Search
  English  ▼

X  

ADF7023BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADF7023BCPZ
Description  High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF7023BCPZ Datasheet HTML 17Page - Analog Devices ADF7023BCPZ Datasheet HTML 18Page - Analog Devices ADF7023BCPZ Datasheet HTML 19Page - Analog Devices ADF7023BCPZ Datasheet HTML 20Page - Analog Devices ADF7023BCPZ Datasheet HTML 21Page - Analog Devices ADF7023BCPZ Datasheet HTML 22Page - Analog Devices ADF7023BCPZ Datasheet HTML 23Page - Analog Devices ADF7023BCPZ Datasheet HTML 24Page - Analog Devices ADF7023BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
Data Sheet
ADF7023
Rev. C | Page 21 of 112
Figure 11. Differential PA at 433 MHz: Output Power vs. PA_LEVEL_MCR
Setting, Temperature, and VDD (Minimum Recommended VDD = 2.2 V, 1.8 V
Operation Shown for Robustness)
Figure 12. Differential PA at 433 MHz: Supply Current vs. Output Power,
Temperature, and VDD (Minimum Recommended VDD = 2.2 V, 1.8 V Operation
Shown for Robustness)
Figure 13. Differential PA at 915 MHz: Output Power vs. PA_LEVEL_MCR
Setting, Temperature, and VDD (Minimum Recommended VDD = 2.2 V, 1.8 V
Operation Shown for Robustness)
Figure 14. Differential PA at 915 MHz: Supply Current vs. Output Power,
Temperature, and VDD (Minimum Recommended VDD = 2.2 V, 1.8 V Operation
Shown for Robustness)
Figure 15. PA Ramp-Up at Data Rate =38.4 kbps for Each PA_RAMP Setting,
Differential PA
Figure 16. PA Ramp-Down at Data Rate =38.4 kbps for Each PA_RAMP
Setting, Differential PA
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
0
4
8
12 16 20 24 28 32 36 40 44 48 52 56 60 64
PA_LEVEL_MCR
–40°C, 3.6V
–40°C, 3.0V
–40°C, 2.4V
–40°C, 1.8V
+85°C, 3.6V
+85°C, 3.0V
+85°C, 2.4V
+85°C, 1.8V
+25°C, 3.6V
+25°C, 3.0V
+25°C, 2.4V
+25°C, 1.8V
6
8
10
12
14
16
18
20
22
24
26
28
OUTPUT POWER (dBm)
–40°C, 3.6V
–40°C, 1.8V
+85°C, 3.6V
+85°C, 1.8V
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
0
4
8
12 16 20 24 28 32 36 40 44 48 52 56 60 64
PA_LEVEL_MCR
–40°C, 3.6V
–40°C, 3.0V
–40°C, 2.4V
–40°C, 1.8V
+85°C, 3.6V
+85°C, 3.0V
+85°C, 2.4V
+85°C, 1.8V
+25°C, 3.6V
+25°C, 3.0V
+25°C, 2.4V
+25°C, 1.8V
6
8
10
12
14
16
18
20
22
24
26
28
30
32
OUTPUT POWER (dBm)
–40°C, 3.6V
–40°C, 1.8V
+85°C, 3.6V
+85°C, 1.8V
–60
–50
–40
–30
–20
–10
0
10
0
50
100
150
200
250
300
350
400
450
500
TIME (µs)
PA RAMP = 1
PA RAMP = 2
PA RAMP = 3
PA RAMP = 4
PA RAMP = 5
PA RAMP = 6
PA RAMP = 7
–60
–50
–40
–30
–20
–10
0
10
0
50
100
150
200
250
300
350
400
450
500
TIME (µs)
PA RAMP = 1
PA RAMP = 2
PA RAMP = 3
PA RAMP = 4
PA RAMP = 5
PA RAMP = 6
PA RAMP = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com