Electronic Components Datasheet Search
  English  ▼

X  

ADF7023BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF7023BCPZ
Description  High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF7023BCPZ Datasheet HTML 9Page - Analog Devices ADF7023BCPZ Datasheet HTML 10Page - Analog Devices ADF7023BCPZ Datasheet HTML 11Page - Analog Devices ADF7023BCPZ Datasheet HTML 12Page - Analog Devices ADF7023BCPZ Datasheet HTML 13Page - Analog Devices ADF7023BCPZ Datasheet HTML 14Page - Analog Devices ADF7023BCPZ Datasheet HTML 15Page - Analog Devices ADF7023BCPZ Datasheet HTML 16Page - Analog Devices ADF7023BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
ADF7023
Rev. C | Page 13 of 112
TIMING AND DIGITAL SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions
RX AND TX TIMING PARAMETERS
See the State Transition and Command Timing
section for more details
PHY_ON to PHY_RX (on CMD_PHY_RX)
300
μs
Includes VCO calibration and synthesizer settling
PHY_ON to PHY_TX (on CMD_PHY_TX)
296
μs
Includes VCO calibration and synthesizer settling,
does not include PA ramp-up
LOGIC INPUTS
Input High Voltage, V
INH
0.7 × V
DD
V
Input Low Voltage, V
INL
0.2 × V
DD
V
Input Current, I
INH/IINL
±1
µA
Input Capacitance, C
IN
10
pF
LOGIC OUTPUTS
Output High Voltage, V
OH
V
DD − 0.4
V
I
OH = 500 µA
Output Low Voltage, V
OL
0.4
V
I
OL = 500 µA
GPIO Rise/Fall
5
ns
GPIO Load
10
pF
Maximum Output Current
5
mA
ATB OUTPUTS
Used for external PA and LNA control
ADCIN_ATB3 and ATB4
Output High Voltage, V
OH
1.8
V
Output Low Voltage, V
OL
0.1
V
Maximum Output Current
0.5
mA
XOSC32KP_GP5_ATB1 and
XOSC32KN_ATB2
Output High Voltage, V
OH
V
DD
V
Output Low Voltage, V
OL
0.1
V
Maximum Output Current
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com