Electronic Components Datasheet Search
  English  ▼

X  

ADF7023BCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # ADF7023BCPZ
Description  High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023BCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button ADF7023BCPZ Datasheet HTML 60Page - Analog Devices ADF7023BCPZ Datasheet HTML 61Page - Analog Devices ADF7023BCPZ Datasheet HTML 62Page - Analog Devices ADF7023BCPZ Datasheet HTML 63Page - Analog Devices ADF7023BCPZ Datasheet HTML 64Page - Analog Devices ADF7023BCPZ Datasheet HTML 65Page - Analog Devices ADF7023BCPZ Datasheet HTML 66Page - Analog Devices ADF7023BCPZ Datasheet HTML 67Page - Analog Devices ADF7023BCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
ADF7023
Data Sheet
Rev. C | Page 64 of 112
EXAMPLE LOW POWER MODES
Deep Sleep Mode 2
Deep Sleep Mode 2 is suitable for applications where the host
processor controls the low power mode timing and the lowest
possible ADF7023 sleep current is required.
In this low power mode, the ADF7023 is in the PHY_SLEEP
state. The BBRAM contents are not retained. This low power
mode is entered by issuing the CMD_HW_RESET command
from any radio state. To wake the part from the PHY_SLEEP
state, the CS pin should be set low. The initialization routine
after a CMD_HW_RESET command should be followed as
detailed in the Radio Control section.
Deep Sleep Mode 1
Deep Sleep Mode 1 is suitable for applications where the host
processor controls the low power mode timing and the ADF7023
configuration is retained during the PHY_SLEEP state.
In this low power mode, the ADF7023 is in the PHY_SLEEP
state with the BBRAM contents retained. Before entering the
PHY_SLEEP state, set WUC_BBRAM_EN (Address 0x30D) to 1
to ensure that the BBRAM is retained. This low power mode is
entered by issuing the CMD_PHY_SLEEP command from
either the PHY_OFF or PHY_ON state. To exit the PHY_SLEEP
state, the CS pin can be set low. Then, follow the CS low
initialization routine, as detailed in the Radio Control section.
WUC Mode
In this low power mode, the hardware WUC is used to wake
the ADF7023 from the PHY_SLEEP state after a user-defined
duration. At the end of this duration, the ADF7023 can provide
an interrupt to the host processor. While the ADF7023 is in the
PHY_SLEEP state, the host processor can optionally be in a
deep sleep state to save power.
Before issuing the CMD_PHY_SLEEP command, the host
processor should configure the WUC and set the firmware
timer threshold to zero (NUMBER_OF_WAKEUPS_
IRQ_THRESHOLD = 0, Address 0x104 and Address 0x105).
The WUC_BBRAM_EN (Address 0x30D) should be set to 1 to
ensure that the BBRAM is retained. On issuing the CMD_PHY_
SLEEP command, the device goes to sleep for a period until the
hardware timer times out. At this point, the device wakes up,
and, if WUC_TIMEOUT or INTERRUPT_NUM_WAKEUPS
interrupts are enabled (Address 0x100), the device asserts the
IRQ_GP3 pin.
The operation of this low power mode is illustrated in Figure 98.
WUC Mode with Firmware Timer
In this low power mode, the WUC is used to periodically wake
the ADF7023 from the PHY_SLEEP state, and the firmware timer
is used to count the number of WUC timeouts. The combination
of the WUC and the firmware timer provides a real-time clock
(RTC) capability.
The host processor should set up the WUC and the firmware timer
before entering the PHY_SLEEP state. The WUC_BBRAM_EN
(Address 0x30D) should be set to 1 to ensure that the BBRAM
is retained. The WUC can be configured to time out at some
standard time interval (for example, 1 sec, 60 sec). On issuing the
CMD_PHY_SLEEP command, the device enters the PHY_SLEEP
state for a period until the hardware timer times out. At this
point, the device wakes up, increments the 16-bit firmware timer
(NUMBER_OF_WAKEUPS, Address 0x102 and Address 0x103)
and, if WUC_TIMEOUT is enabled (Address 0x101), the device
asserts the IRQ_GP3 pin. If the16-bit firmware count is less than or
equal to the user set threshold (NUMBER_OF_WAKEUPS_IRQ_
THRESHOLD, Address 0x104 and Address 0x105), the device
returns to the PHY_SLEEP state. With this method, the firmware
count (NUMBER_OF_WAKEUPS) equates to a real time interval.
When the firmware count exceeds the user-set threshold
(NUMBER_OF_WAKEUPS_IRQ_THRESHOLD), the
ADF7023 asserts the IRQ_GP3 pin, if the INTERRUPT_NUM_
WAKEUPS bit (Address 0x100) is set, and enters the PHY_OFF
state. The operation of this low power mode is illustrated in
Figure 99.
Smart Wake Mode (Carrier Sense Only)
In this low power mode, the WUC, firmware timer, and smart
wake mode are used to implement periodic RSSI measurements
on a particular channel (that is, carrier sense). To enable this
mode, the WUC and firmware timer should be configured
before entering the PHY_SLEEP state. The WUC_BBRAM_EN
(Address 0x30D) should be set to 1 to ensure that the BBRAM
is retained. The RSSI measurement is enabled by setting
SWM_RSSI_QUAL = 1 and SWM_EN = 1 (Address 0x11A).
INTERRUPT_SWM_RSSI_DET (Address 0x100) should also be
enabled. If the measured RSSI value is below the user-defined
threshold set in the SWM_RSSI_THRESH register (Address
0x108), the device returns to the PHY_SLEEP state. If the RSSI
measurement is greater than the SWM_RSSI_THRESH value,
the device sets the INTERRUPT_SWM_RSSI_DET interrupt to
alert the host processor and waits in the PHY_ON state for a
host command. The operation of this low power mode is
illustrated in Figure 100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com