| Electronic Components Datasheet Search |
|
MAX7321 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX7321 Datasheet(HTML) 7 Page - Maxim Integrated Products |
|
7 / 17 page ![]() Standby Mode When the serial interface is idle, the MAX7321 automat- ically enters standby mode, drawing minimal supply current. Slave Address, Power-Up Default Logic Levels, and Input Pullup Selection Address inputs AD0 and AD2 determine the MAX7321 slave address, set the power-up I/O state for the ports, and select which inputs have pullup resistors. Internal pullups and power-up default states are set in groups of four (Table 3). The MAX7319, MAX7321, MAX7322, and MAX7323 use a different range of slave addresses (110xxxx) than the MAX7320 (101xxxx) (Table 2). The MAX7321 slave address is determined on each I2C transmission, regardless of whether the transmission is actually addressing the MAX7321. The MAX7321 distin- guishes whether address inputs AD2 and AD0 are con- nected to SDA or SCL instead of fixed logic levels V+ or GND during this transmission. This means that the MAX7321 slave address can be configured dynamical- ly in the application without cycling the device supply. On initial power-up, the MAX7321 cannot decode address inputs AD0 and AD2 fully until the first I2C transmission, and AD0 and AD2 initially appear to be connected to V+ or GND. This is important because the address selection is used to determine the power-up logic level (output low or input/output high), and whether pullups are applied. However, at power-up, the I2C SDA and SCL bus interface lines are high imped- ance at the pins of every device (master or slave) con- nected to the bus, including the MAX7321. This is guaranteed as part of the I2C specification. Therefore, address inputs AD2 and AD0 that are connected to SDA or SCL normally appear at power-up to be con- nected to V+. The power-up logic uses AD0 to select the power-up state and whether pullups are enabled for ports P3–P0, and AD2 for ports P7–P4. The rule is that a logic high, SDA, or SCL connection selects the pullups (and sets the default port condition to input or logic-high output), while a logic low deselects the pullups (and sets the default port condition to logic-low output) (Table 3). The port configuration is correct on power-up for a standard I2C configuration, where SDA or SCL are pulled up to V+ by the external I2C pullup resistors. There are circumstances where the assumption that SDA = SCL = V+ on power-up is not true—for example, in true hot-swap applications in which there is legiti- I2C Port Expander with 8 Open-Drain I/Os _______________________________________________________________________________________ 7 PART I2C SLAVE ADDRESS INPUTS INTERRUPT MASK OPEN- DRAIN OUTPUTS PUSH- PULL OUTPUTS I2C DATA WRITE I2C DATA READ MAX7319 110xxxx 8 Yes — — <I7–I0 interrupt mask> <I7–I0 port inputs> <I7–I0 transition flags> MAX7320 101xxxx —— — 8 <O7–O0 port outputs> <O7-O0 port inputs> MAX7321 110xxxx Up to 8 — Up to 8 — <P7–P0 port outputs> <P7–P0 port inputs> <P7–P0 transition flags> MAX7322 110xxxx 4 Yes — 4 <O7, O6 outputs, I5–I2 interrupt mask, O1, O0 outputs> <O7, O6, I5–I2, O1, O0 port inputs> <0, 0, I5–I2 transition flags, 0, 0> MAX7323 110xxxx Up to 4 — Up to 4 4 <port outputs> <O7, O6, P5–P2, O1, O0 port inputs> <0, 0, P5–P2 transition flags, 0, 0> MAX7328 0100xxx Up to 8 — Up to 8 — <P7–P0 port outputs> <P7–P0 port inputs> MAX7329 0111xxx Up to 8 — Up to 8 — <P7–P0 port outputs> <P7–P0 port inputs> Table 2. Read and Write Access to Eight-Port Expander Family |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |